Electronic Components Datasheet Search
  English  ▼

X  

0830201 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830201
Description  UCT-WMS 3,2 (12X4) VT - Wire marking tag
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830201 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830201 Datasheet HTML 1Page - PHOENIX CONTACT 0830201 Datasheet HTML 2Page - PHOENIX CONTACT 0830201 Datasheet HTML 3Page - PHOENIX CONTACT 0830201 Datasheet HTML 4Page - PHOENIX CONTACT 0830201 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Wire marking tag, Sheet, violet, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK
LASER, BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME,
THERMOMARK CARD 2.0, THERMOMARK CARD, cable diameter range: 1.5 ... 3.2 mm,
mounting type: slide-on, for terminal block width: 5.2 mm, Number of individual labels: 55
Your advantages
The UCT-WMS ... UniCard labeling range includes markers that can be threaded onto conductors
•
The markers, which are supplied in uniform sheets, can be labeled quickly, easily, and precisely using the THERMOMARK CARD and the
BLUEMARK LED
•
The sheets provide space for including function texts
•
The markers support multi-line labeling
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Commercial data
Item number
0830201
Packing unit
1 pc
Note
Made to order (non-returnable)
Sales key
BG10
Product key
BG2218
GTIN
4046356629904
Weight per piece (including packing)
13.06 g
Weight per piece (excluding packing)
12.52 g
Customs tariff number
39269097
Country of origin
PL
UCT-WMS 3,2 (12X4) VT - Wire marking tag
0830201
https://www.phoenixcontact.com/us/products/0830201
Jul 15, 2025, 12:39AM
Page 1 (5)


Similar Part No. - 0830201

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830200 PHOENIX-0830200 Datasheet
197Kb / 6P
UCT-WMS 3,2 (12X4) OG - Wire marking tag
0830202 PHOENIX-0830202 Datasheet
196Kb / 6P
UCT-WMS 3,2 (12X4) BU - Wire marking tag
0830203 PHOENIX-0830203 Datasheet
195Kb / 6P
UCT-WMS 3,2 (12X4) GN - Wire marking tag
0830204 PHOENIX-0830204 Datasheet
194Kb / 6P
UCT-WMS 3,2 (12X4) RD CUS - Wire marking tag
0830206 PHOENIX-0830206 Datasheet
188Kb / 5P
UCT-WMS 3,2 (12X4) VT CUS - Wire marking tag
More results

Similar Description - 0830201

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
3273696 PHOENIX-3273696 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4-NS35A VT
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
3273960 PHOENIX-3273960 Datasheet
478Kb / 19P
Distribution block - PTFIX 12X4-G VT
Jun 22, 2022
3273564 PHOENIX-3273564 Datasheet
481Kb / 20P
Distribution block - PTFIX 12X4-NS35 VT
Jun 29, 2022
3273762 PHOENIX-3273762 Datasheet
480Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A VT
Nov 30, 2022
3274026 PHOENIX-3274026 Datasheet
469Kb / 18P
Distribution block - PTFIX 10/12X4-G VT
Jul 29, 2022
3273630 PHOENIX-3273630 Datasheet
474Kb / 19P
Distribution block - PTFIX 10/12X4-NS35 VT
Sep 8, 2022
3273828 PHOENIX-3273828 Datasheet
550Kb / 21P
Distribution block - PTFIX 12X4 VT
Jul 20, 2022
3273894 PHOENIX-3273894 Datasheet
543Kb / 21P
Distribution block - PTFIX 10/12X4 VT
Jul 29, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com