Electronic Components Datasheet Search
  English  ▼

X  

0830213 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830213
Description  UCT-WMS 4,7 (12X5,5) GN - Wire marking tag
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830213 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830213 Datasheet HTML 1Page - PHOENIX CONTACT 0830213 Datasheet HTML 2Page - PHOENIX CONTACT 0830213 Datasheet HTML 3Page - PHOENIX CONTACT 0830213 Datasheet HTML 4Page - PHOENIX CONTACT 0830213 Datasheet HTML 5Page - PHOENIX CONTACT 0830213 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Wire marking tag, Sheet, green, unlabeled, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME 2.0,
THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD, TOPMARK NEO,
TOPMARK LASER, cable diameter range: 2.5 ... 4.7 mm, mounting type: slide-on, for terminal
block width: 5.2 mm, Number of individual labels: 45, text field height: 5.5 mm, text field width: 12
mm
Your advantages
The UCT-WMS ... UniCard labeling range includes markers that can be threaded onto conductors
•
The markers, which are supplied in uniform sheets, can be labeled quickly, easily, and precisely using the THERMOMARK CARD and the
BLUEMARK LED
•
The sheets provide space for including function texts
•
The markers support multi-line labeling
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Commercial data
Item number
0830213
Packing unit
6 pc
Minimum order quantity
6 pc
Sales key
BG10
Product key
BG2218
GTIN
4046356629805
Weight per piece (including packing)
15.38 g
Weight per piece (excluding packing)
12 g
Customs tariff number
39269097
Country of origin
PL
UCT-WMS 4,7 (12X5,5) GN - Wire marking tag
0830213
https://www.phoenixcontact.com/us/products/0830213
Jul 15, 2025, 12:52AM
Page 1 (6)


Similar Part No. - 0830213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830210 PHOENIX-0830210 Datasheet
197Kb / 6P
UCT-WMS 4,7 (12X5,5) OG - Wire marking tag
0830211 PHOENIX-0830211 Datasheet
190Kb / 5P
UCT-WMS 4,7 (12X5,5) VT - Wire marking tag
0830212 PHOENIX-0830212 Datasheet
195Kb / 6P
UCT-WMS 4,7 (12X5,5) BU - Wire marking tag
0830214 PHOENIX-0830214 Datasheet
193Kb / 6P
UCT-WMS 4,7 (12X5,5) RD CUS - Wire marking tag
0830215 PHOENIX-0830215 Datasheet
196Kb / 6P
UCT-WMS 4,7 (12X5,5) OG CUS - Wire marking tag
More results

Similar Description - 0830213

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-7 3M-SDR-7 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-A 3M-SDR-A Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
SDR-RD 3M-SDR-RD Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0803342 PHOENIX-0803342 Datasheet
47Kb / 2P
Magazine - TMP-UCT-MAG1
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
2701134 PHOENIX-2701134 Datasheet
167Kb / 4P
Mounting adapter - FL EPA WMS
Dec 6, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com