Electronic Components Datasheet Search
  English  ▼

X  

0830217 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830217
Description  UCT-WMS 4,7 (12X5,5) BU CUS - Wire marking tag
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830217 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830217 Datasheet HTML 1Page - PHOENIX CONTACT 0830217 Datasheet HTML 2Page - PHOENIX CONTACT 0830217 Datasheet HTML 3Page - PHOENIX CONTACT 0830217 Datasheet HTML 4Page - PHOENIX CONTACT 0830217 Datasheet HTML 5Page - PHOENIX CONTACT 0830217 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Wire marking tag, Sheet, can be ordered: by sheet, blue, labeled according to customer
specifications, cable diameter range: 2.5 ... 4.7 mm, mounting type: slide-on, for terminal block
width: 5.2 mm, Number of individual labels: 45, text field height: 5.5 mm, text field width: 12 mm
Your advantages
The UCT-WMS ... UniCard labeling range includes markers that can be threaded onto conductors
•
The sheets provide space for including function texts
•
The markers support multi-line labeling
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0830217
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8128
GTIN
4046356629812
Weight per piece (including packing)
16.266 g
Weight per piece (excluding packing)
16.266 g
Country of origin
PL
UCT-WMS 4,7 (12X5,5) BU CUS - Wire marking tag
0830217
https://www.phoenixcontact.com/us/products/0830217
Jul 15, 2025, 12:59AM
Page 1 (6)


Similar Part No. - 0830217

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830210 PHOENIX-0830210 Datasheet
197Kb / 6P
UCT-WMS 4,7 (12X5,5) OG - Wire marking tag
0830211 PHOENIX-0830211 Datasheet
190Kb / 5P
UCT-WMS 4,7 (12X5,5) VT - Wire marking tag
0830212 PHOENIX-0830212 Datasheet
195Kb / 6P
UCT-WMS 4,7 (12X5,5) BU - Wire marking tag
0830213 PHOENIX-0830213 Datasheet
193Kb / 6P
UCT-WMS 4,7 (12X5,5) GN - Wire marking tag
0830214 PHOENIX-0830214 Datasheet
193Kb / 6P
UCT-WMS 4,7 (12X5,5) RD CUS - Wire marking tag
More results

Similar Description - 0830217

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
0824631 PHOENIX-0824631 Datasheet
54Kb / 3P
Marker for terminal blocks - UC-TMF 4 BU CUS
0824934 PHOENIX-0824934 Datasheet
56Kb / 2P
Zack marker strip - ZB 10/BU CUS
0824966 PHOENIX-0824966 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/BU CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
3211029 PHOENIX-3211029 Datasheet
164Kb / 19P
Feed-through terminal block - PT 2,5/S-QUATTRO BU CUS
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com