Electronic Components Datasheet Search
  English  ▼

X  

PQ111 Datasheet(PDF) 15 Page - Pico Technology Ltd.

Part # PQ111
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ111 Datasheet(HTML) 15 Page - Pico Technology Ltd.

Back Button PQ111 Datasheet HTML 9Page - Pico Technology Ltd. PQ111 Datasheet HTML 10Page - Pico Technology Ltd. PQ111 Datasheet HTML 11Page - Pico Technology Ltd. PQ111 Datasheet HTML 12Page - Pico Technology Ltd. PQ111 Datasheet HTML 13Page - Pico Technology Ltd. PQ111 Datasheet HTML 14Page - Pico Technology Ltd. PQ111 Datasheet HTML 15Page - Pico Technology Ltd. PQ111 Datasheet HTML 16Page - Pico Technology Ltd. PQ111 Datasheet HTML 17Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Signal source characteristics
Frequency range
300 kHz to 6.0 GHz
Frequency setting resolution
10 Hz
Frequency accuracy
10 ppm max
With ambient of 23 ±3 °C
Frequency temperature stability
±0.5 ppm/ºC max
Over the range +15 °C to +35 °C
Harmonics
–20 dBc max
With test power set to < –3 dBm
Non-harmonic spurious
–40 dBc typical
Phase noise (10 kHz offset)
0.3 MHz to 1 GHz: –90 dBc/Hz
1 GHz to 4 GHz:
–80 dBc/Hz
> 4 GHz:
–76 dBc/Hz
Test signal power
< 10 MHz:
–3 to –20 dBm
10 MHz to 4 GHz: +6 to –20 dBm
> 4 GHz:
+3 to –20 dBm
Power setting resolution
0.1 dB
Power setting accuracy
±1.5 dB
Reference input frequency
10 MHz ±6 ppm
Reference input level
0 ±3 dBm
Reference output level
0 ±3 dBm
Miscellaneous
Controlling PC data interface
USB 2.0
Support for third party test software
Dynamic Link Library (DLL) as part of user interface software
External dimensions (mm)
286 x 174 x 61 (L x W x H) excluding connectors
Weight
1.85 kg
Temperature range (operating)
+15 °C to +35 °C
Temperature range (storage)
–20 °C to +50 °C
Humidity
80% max, non-condensing
Vibration (storage)
0.5 g, 5 Hz to 300 Hz
Power source and current
+12 to +15 V DC, 22 W
Power source connector
5.5 mm diameter hole, 2.1 mm diameter centre contact pin.
Centre pin is positive.
Host PC requirements
Microsoft Windows 7, 8 or 10
2 GB RAM or more
Safety
Conforms to EN61010-1:2010 and EN61010-2-030:2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com