Electronic Components Datasheet Search
  English  ▼

X  

LB400 Datasheet(PDF) 1 Page - Europa PLC

Part # LB400
Description  Handles, Shafts and Extended Shafts for Enclosed and Door Interlocked Load Break Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

LB400 Datasheet(HTML) 1 Page - Europa PLC

  LB400 Datasheet HTML 1Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 1 of 1
EDS1154-001
Technical Data:
Handles, Shafts and Extended Shafts for
Enclosed and Door Interlocked Load Break Switches
Important Safety Notice
It is the responsibility of the person installing the electrical equipment to ensure that the installation meets the requirements of the IET
wiring regulations and is therefore ‘fit for purpose'. Factors such as correct selection of components, cable sizing, protective devices and
Earth bonding are all critical and should be checked prior to full testing and power-up.Any other regulations applicable to the equipment
being installed such as the Machinery Directive and current health and safety legislation must also be adhered to.
Terminals, including factory fitted, should be checked periodically to ensure correct tightness.
DO NOT USE POWER TOOLS ON THESE PRODUCTS
Product Prefix Blue & White
Handle Red & Yellow
Handle Shaft Section
(mm)
L (mm)
P (mm)
S (mm) D (mm)
Standard Handle and Shafts
LB160/LBD160
LBPHBW010 LBPHRY010
□7
177
87-197
94
45
LB200/LBD200
LB250/LBD250
LB315/LBD315 LBPHBW020 LBPHRY020 □10
227
103-256
115
45
LB400/LBD400
LB630/LBD630 LBPHBW030 LBPHRY030 □14
195
134-240
143
60
LB800/LBD800
LB1000/LBD1000
LBPHBW090 LBPHRY090
186
145-242
396
Extended Shafts
Product Prefix Extended Shaft
Type 1 Shaft Section
(mm)
L (mm)
P (mm) Extended
Shaft Type 2 L (mm) P (mm)
LBD160
LBES010
□7
250
87-270
LBES020
387
87-407
LBD200
LBD250
LBD315
LBES030
□10
375
103-404
LBES040
536
103-565
LBD400
LBD630
LBES050
□14
345
134-390 LBES060 535 134-580
LBD800
LBD1000
145-401
145-591
LB_Handle_Shaft_Ext.qxp_Layout1 07/10/2014 13:40 Page1


Similar Part No. - LB400

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB4002A2 PF-LB4002A2 Datasheet
529Kb / 3P
HART Output Isolator
2021-12-01
logo
Europa PLC
LB4003PNL EUROPA-LB4003PNL Datasheet
617Kb / 1P
Accessory Table for Safe Switch Range
LB4003PNLGP EUROPA-LB4003PNLGP Datasheet
306Kb / 2P
AC-23@400V(415V) Enclosed Door Interlocked Load Break Switches
LB4003PNLME EUROPA-LB4003PNLME Datasheet
256Kb / 2P
AC-23@400V(415V) Enclosed Door Interlocked Load Break Switches
LB4003PNLSS EUROPA-LB4003PNLSS Datasheet
278Kb / 2P
AC-23@400V(415V) Enclosed Door Interlocked Load Break Switches
More results

Similar Description - LB400

ManufacturerPart #DatasheetDescription
logo
ITT Industries
11TL602 ITT-11TL602 Datasheet
331Kb / 3P
Door Interlock Switches
logo
C&K Components
11TL602 CK-COMPONENTS-11TL602 Datasheet
238Kb / 3P
Door Interlock Switches
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZL1 ETC1-LZL1 Datasheet
277Kb / 2P
Installation and adjusting instructions LZ metal-enclosed switches
logo
Grayhill, Inc
20SG2AC-G2AC-P GRAYHILL-20SG2AC-G2AC-P Datasheet
194Kb / 1P
Compact mechanical encoder with concentric shafts
logo
Tripp Lite. All Rights ...
SRCOMBO TRIPPLITE-SRCOMBO Datasheet
474Kb / 1P
SmartRack Door Handles with Combination Lock - 2-pack for front and rear doors with bypass key
logo
List of Unclassifed Man...
EOT16U3P3-S ETC2-EOT16U3P3-S Datasheet
1Mb / 16P
enclosed switches
logo
C&K Components
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
Door Interlock Switches
logo
PHOENIX CONTACT
2905641 PHOENIX-2905641 Datasheet
75Kb / 4P
Screw shafts with raised domes to ensure safe working
3000662 PHOENIX-3000662 Datasheet
69Kb / 5P
For secure and space-saving accommodation of plug-in contacts in cable ducts and distributor shafts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com