Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC2G32 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC2G32
Description  SN74LVC2G32 Dual 2-Input Positive-OR Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G32 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC2G32 Datasheet HTML 3Page - Texas Instruments SN74LVC2G32 Datasheet HTML 4Page - Texas Instruments SN74LVC2G32 Datasheet HTML 5Page - Texas Instruments SN74LVC2G32 Datasheet HTML 6Page - Texas Instruments SN74LVC2G32 Datasheet HTML 7Page - Texas Instruments SN74LVC2G32 Datasheet HTML 8Page - Texas Instruments SN74LVC2G32 Datasheet HTML 9Page - Texas Instruments SN74LVC2G32 Datasheet HTML 10Page - Texas Instruments SN74LVC2G32 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
0
1
2
3
4
5
6
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC (V)
tpHL
tpLH
C001
SN74LVC2G32
www.ti.com
SCES201N – APRIL 1999 – REVISED SEPTEMBER 2015
6.8 Typical Characteristics
TA = 25°C
Figure 1. Propagation Delay vs. VCC
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC2G32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com