Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC573A Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC573A
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC573A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC573A Datasheet HTML 4Page - Texas Instruments SN74LVC573A Datasheet HTML 5Page - Texas Instruments SN74LVC573A Datasheet HTML 6Page - Texas Instruments SN74LVC573A Datasheet HTML 7Page - Texas Instruments SN74LVC573A Datasheet HTML 8Page - Texas Instruments SN74LVC573A Datasheet HTML 9Page - Texas Instruments SN74LVC573A Datasheet HTML 10Page - Texas Instruments SN74LVC573A Datasheet HTML 11Page - Texas Instruments SN74LVC573A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Jun-2022
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CLVC573AQDWRG4Q1
SOIC
DW
20
2000
330.0
24.4
10.8
13.3
2.7
12.0
24.0
Q1
CLVC573AQPWRG4Q1
TSSOP
PW
20
2000
330.0
16.4
6.95
7.0
1.4
8.0
16.0
Q1
SN74LVC573AQDWRQ1
SOIC
DW
20
2000
330.0
24.4
10.8
13.3
2.7
12.0
24.0
Q1
SN74LVC573AQPWRQ1
TSSOP
PW
20
2000
330.0
16.4
6.95
7.1
1.6
8.0
16.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16