Electronic Components Datasheet Search
  English  ▼

X  

U415 Datasheet(PDF) 1 Page - TT Electronics.

Part # U415
Description  Vitreous Enamelled Heavy Duty Tapewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

U415 Datasheet(HTML) 1 Page - TT Electronics.

  U415 Datasheet HTML 1Page - TT Electronics. U415 Datasheet HTML 2Page - TT Electronics. U415 Datasheet HTML 3Page - TT Electronics. U415 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vitreous Enamelled Heavy
Duty Tapewound Resistors
U400 Series
• Very low resistance values
• Choice of terminations and mounting styles
• High overload capability
Dimensions (mm)
Type
A
B
C
D
E
F
G
H
J
max
max
nom
nom
nom
max
max
max
U412
53
28
13
5.7
6.8
26.5
M4
85
39
U413
116
28
13
5.7
6.8
26.5
M4
150
39
U414
102
36
19
7
98
32
M6
134
43
U415
152
36
19
7
9.8
32
M6
184
43
U416
216
36
19
7
98
32
M6
248
43
U417
267
36
19
7
9.8
32
M6
299
43
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
127
Physical Data
Issue D · 08.04
A subsidiary of
TT electronics plc
Welwyn Components
General Information
The U400 Series of resistors is particularly suitable for
overload applications, due to the large energy absorption
capability of the heavy tape element and careful matching of
tube and enamel thermal characteristics.
The Welwyn range is based on six sizes of tube, each of
which has a recommended dissipation which limits operating
surface temperature to a maximum of 350°C.
The resistors may be fitted with tapping bands as required;
these may also be used as adjusting bands.
Each style is available with the following choice of
terminations:-
a) Lugs for soldered or screwed connection Style U
b) Pigtails for flexible connection Style UP
c) Ferrules, permitting connection via spring mounting clips
Styles UC and UCB
The U400 Series is designed for use with Welwyn type MD40
mounting brackets. and the UC400 Series with spring
mounting clips
See figs 2 to 6 for illustrations
Electrical Data
U412
U413
U414
U415
U416
U417
Power rating at 20°C*
watts
30
60
125
140
275
375
Resistance range
ohms
0R09 to 2R25
0R27 to 6R8
0R28 to 7R2
0R48 to 12R4
0R76 to 19R0
0R96 to 39R0
TCR range
(-55 to +200°C).
ppm/°C
Typically: +75 Maximum: +200
Resistance tolerance
%
10
Values
Any value within the specified resistance range
Ambient temperature range
°C
-55 to +350
*Mounted horizontally with unobstructed bore.
U400_D.qxd
8/9/04
4:55 PM
Page 1
OBSOLETE


Similar Part No. - U415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U41 ETC2-U41 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
logo
C&K Components
U41 CK-COMPONENTS-U41 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
logo
Baumer IVO GmbH & Co. K...
U410.010A01A IVO-U410.010A01A Datasheet
512Kb / 4P
Totalizers mechanic
U410.010A01B IVO-U410.010A01B Datasheet
512Kb / 4P
Totalizers mechanic
U410.010A02A IVO-U410.010A02A Datasheet
512Kb / 4P
Totalizers mechanic
More results

Similar Description - U415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
W20 WELWYN-W20 Datasheet
80Kb / 2P
Vitreous Enamelled Wirewound Resistors
V700 WELWYN-V700 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
Vitreous Enamelled Wirewound Resistors
2011/65/EU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com