Electronic Components Datasheet Search
  English  ▼

X  

STM32F207VCY6 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F207VCY6
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCY6 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F207VCY6 Datasheet HTML 60Page - STMicroelectronics STM32F207VCY6 Datasheet HTML 61Page - STMicroelectronics STM32F207VCY6 Datasheet HTML 62Page - STMicroelectronics STM32F207VCY6 Datasheet HTML 63Page - STMicroelectronics STM32F207VCY6 Datasheet HTML 64Page - STMicroelectronics STM32F207VCY6 Datasheet HTML 65Page - STMicroelectronics STM32F207VCY6 Datasheet HTML 66Page - STMicroelectronics STM32F207VCY6 Datasheet HTML 67Page - STMicroelectronics STM32F207VCY6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 184 page
background image
Port D
PD0
-
-
-
-
-
-
-
-
-
CAN1_RX
-
-
FSMC_D2
-
-
EVENTOUT
PD1
-
-
-
-
-
-
-
-
-
CAN1_TX
-
-
FSMC_D3
-
-
EVENTOUT
PD2
-
-
TIM3_ETR
-
-
-
-
-
UART5_RX
-
-
-
SDIO_CMD
DCMI_D11
-
EVENTOUT
PD3
-
-
-
-
-
-
-
USART2_CTS
-
-
-
-
FSMC_CLK
-
-
EVENTOUT
PD4
-
-
-
-
-
-
-
USART2_RTS
-
-
-
-
FSMC_NOE
-
-
EVENTOUT
PD5
-
-
-
-
-
-
-
USART2_TX
-
-
-
-
FSMC_NWE
-
-
EVENTOUT
PD6
-
-
-
-
-
-
-
USART2_RX
-
-
-
-
FSMC_NWAIT
-
-
EVENTOUT
PD7
-
-
-
-
-
-
-
USART2_CK
-
-
-
-
FSMC_NE1/
FSMC_NCE2
-
-
EVENTOUT
PD8
-
-
-
-
-
-
-
USART3_TX
-
-
-
-
FSMC_D13
-
-
EVENTOUT
PD9
-
-
-
-
-
-
-
USART3_RX
-
-
-
-
FSMC_D14
-
-
EVENTOUT
PD10
-
-
-
-
-
-
-
USART3_CK
-
-
-
-
FSMC_D15
-
-
EVENTOUT
PD11
-
-
-
-
-
-
-
USART3_CTS
-
-
-
-
FSMC_A16
-
-
EVENTOUT
PD12
-
-
TIM4_CH1
-
-
-
-
USART3_RTS
-
-
-
-
FSMC_A17
-
-
EVENTOUT
PD13
-
-
TIM4_CH2
-
-
-
-
-
-
-
-
-
FSMC_A18
-
-
EVENTOUT
PD14
-
-
TIM4_CH3
-
-
-
-
-
-
-
-
-
FSMC_D0
-
-
EVENTOUT
PD15
-
-
TIM4_CH4
-
-
-
-
-
-
-
-
-
FSMC_D1
-
-
EVENTOUT
Port E
PE0
-
-
TIM4_ETR
-
-
-
-
-
-
-
-
-
FSMC_NBL0
DCMI_D2
-
EVENTOUT
PE1
-
-
-
-
-
-
-
-
-
-
-
-
FSMC_NBL1
DCMI_D3
-
EVENTOUT
PE2
TRACECLK
-
-
-
-
-
-
-
-
-
-
ETH _MII_TXD3
FSMC_A23
-
-
EVENTOUT
PE3
TRACED0
-
-
-
-
-
-
-
-
-
-
-
FSMC_A19
-
-
EVENTOUT
PE4
TRACED1
-
-
-
-
-
-
-
-
-
-
-
FSMC_A20
DCMI_D4
-
EVENTOUT
PE5
TRACED2
-
-
TIM9_CH1
-
-
-
-
-
-
-
-
FSMC_A21
DCMI_D6
-
EVENTOUT
PE6
TRACED3
-
-
TIM9_CH2
-
-
-
-
-
-
-
-
FSMC_A22
DCMI_D7
-
EVENTOUT
PE7
-
TIM1_ETR
-
-
-
-
-
-
-
-
-
-
FSMC_D4
-
-
EVENTOUT
PE8
-
TIM1_CH1N
-
-
-
-
-
-
-
-
-
-
FSMC_D5
-
-
EVENTOUT
PE9
-
TIM1_CH1
-
-
-
-
-
-
-
-
-
-
FSMC_D6
-
-
EVENTOUT
PE10
-
TIM1_CH2N
-
-
-
-
-
-
-
-
-
-
FSMC_D7
-
-
EVENTOUT
PE11
-
TIM1_CH2
-
-
-
-
-
-
-
-
-
-
FSMC_D8
-
-
EVENTOUT
PE12
-
TIM1_CH3N
-
-
-
-
-
-
-
-
-
-
FSMC_D9
-
-
EVENTOUT
PE13
-
TIM1_CH3
-
-
-
-
-
-
-
-
-
-
FSMC_D10
-
-
EVENTOUT
PE14
-
TIM1_CH4
-
-
-
-
-
-
-
-
-
-
FSMC_D11
-
-
EVENTOUT
PE15
-
TIM1_BKIN
-
-
-
-
-
-
-
-
-
-
FSMC_D12
-
-
EVENTOUT
Table 10. Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/I2C2/I2C3 SPI1/SPI2/I2S2
SPI3/I2S3
USART1/2/3
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_HS
DCMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More