Electronic Components Datasheet Search
  English  ▼

X  

SFH9315 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH9315
Description  Slotted Interrupter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9315 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH9315 Datasheet HTML 1Page - OSRAM GmbH SFH9315 Datasheet HTML 2Page - OSRAM GmbH SFH9315 Datasheet HTML 3Page - OSRAM GmbH SFH9315 Datasheet HTML 4Page - OSRAM GmbH SFH9315 Datasheet HTML 5Page - OSRAM GmbH SFH9315 Datasheet HTML 6Page - OSRAM GmbH SFH9315 Datasheet HTML 7Page - OSRAM GmbH SFH9315 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007-04-03
2
SFH 9315
Grenzwerte
T
A = 25 °C
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Sender (GaAs-Diode)
Emitter (GaAs Diode)
Sperrspannung
Reverse voltage
V
R
5
V
Durchlaßstrom
Forward current
I
F (DC)
40
mA
Verlustleistung
Power dissipation
P
tot
65
mW
Wärmewiderstand
Thermal resistance
R
thJA
280
K/W
Empfänger (Si-Fototransistor)
Detector (Silicon Phototransistor)
Kollektor-Emitter-Spannung
Collector-emitter voltage
V
CE
15
V
Kollektor-Emitter-Spannung, (
t ≤ 2 min)
Collector-emitter voltage, (
t ≤ 2 min)
V
CE
30
Emitter-Kollektor-Spannung
Emitter-collector voltage
V
EC
7
Kollektorstrom
Collector current
I
C
15
mA
Verlustleistung
Total power dissipation
P
tot
65
mW
Wärmewiderstand
Thermal resistance
R
thJA
280
K/W
Gabellichtschranke
Slotted Interrupter
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 85
°C
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 85
Elektrostatische Entladung
Electrostatic discharge
ESD
2
kV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com