Electronic Components Datasheet Search
  English  ▼

X  

ICM7362 Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # ICM7362
Description  DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7362 Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  ICM7362 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7362 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7362 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7362 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7362 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7362 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7362 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7362 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7362 Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice
.
2
IC MICROSYSTEMS
ICmic
PACKAGE
10-Pin MSOP
PIN DESCRIPTION
Pin No
Symbol
Description
1
VDD
Supply Voltage
2
REF A
DAC A Reference Input
3
VOUT A
DAC A Output
4
REF B
DAC B Reference Input
5
VOUT B
DAC B Output
6
REFOUT
Reference Output (1.25V)
7
CS
Chip Select (TTL or CMOS)
8
SCK
Serial Clock Input (TTL or CMOS)
9
SDI
Serial Data Input (TTL or CMOS)
10
GND
Ground
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 7.0
V
IIN
Input Current
+/- 25.0
mA
VIN_
Digital Input Voltage (SCK, SDI, CS)
-0.3 to 7.0
V
VIN_REF
Reference Input Voltage
-0.3 to 7.0
V
TSTG
Storage Temperature
-65 to +150
oC
TSOL
Soldering Temperature
300
oC
Note: Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
ORDERING INFORMATION
Part
Temperature Range
Package
ICM7362
-40
oC to 85 oC
10-Pin MSOP
ICM7342
-40
oC to 85 oC
10-Pin MSOP
ICM7322
-40
oC to 85 oC
10-Pin MSOP
4
REF
B
1
V
DD
2
REF
A
3
V
O UT A
5
V
O UT B
10 GND
9
SDI
8
SCK
7
CS
6
REFO UT
4
REF
B
4
REF
B
1
V
DD
1
V
DD
2
REF
A
2
REF
A
3
V
O UT A
3
V
O UT A
5
V
O UT B
5
V
O UT B
10 GND
10 GND
9
SDI
9
SDI
8
SCK
8
SCK
7
CS
7
CS
6
REFO UT
6
REFO UT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com