Electronic Components Datasheet Search
  English  ▼

X  

1385 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1385
Description  UBEC DC/DC Step-Down (Buck) Converter - 5V @ 3A output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1385 Datasheet(HTML) 2 Page - Adafruit Industries

  1385 Datasheet HTML 1Page - Adafruit Industries 1385 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Details
We pulled the heatshrink off of one and found an MP2307 you can check the datasheet for conversion
efficiency and other specifications. The input capacitor might be rated for 16V max.
Here are some numbers we found when attaching various loads to the UBEC:
Iout Vin Iin
Vout
0.5A 6V 0.47A 4.9V
0.5A 7V 0.39A 5.2V
0.5A 9V 0.35A 5.2V
0.5A 12V 0.28A 5.25V
Iout Vin Iin
Vout
1A 6V 0.9A 4.8V
1A 7V 0.79A 5.2V
1A 9V 0.67A 5.1V
1A 12V 0.52A 5.2V
Iout Vin Iin
Vout
2A 6V 1.85A 4.9V
2A 7V 1.67A 5.1V
2A 9V 1.28A 5.0V
2A 12V 0.97A 4.9V
Iout Vin Iin
Vout
3A 7V 2.6A 5.0V
3A 9V 1.88A 4.7V
3A 12V 1.43A 4.8V
                                                                      Engineered in NYC Adafruit ® 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com