Electronic Components Datasheet Search
  English  ▼

X  

174 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 174
Description  Barebones AVR dev. board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

174 Datasheet(HTML) 2 Page - Adafruit Industries

  174 Datasheet HTML 1Page - Adafruit Industries 174 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
We took the business-card-sized AVR target board from Evil Mad Scientist Laboratories and added a few
components to make an AVR dev board that has only the bare minimums!
Comes unassembled with:
• Printed circuit board
• Blank ATMEGA328 with internal 1 MHz oscillator selected (default)
•28-DIP socket
•6-pin ISP AVR programming header
• 0.1uF ceramic capacitor
• 5mm diffused red LED
• Resistor for LED
We suggest using this board in conjunction with a USBtinyISP programmer (//www.adafruit.com/products/46) (not
included), and having the programmer provide USB power to the board. Of course, any programmer can be used,
just make sure that you also power the target board somehow.
To get you started, here is a 'hello world' zip file (http://www.ladyada.net/learn/avr/atmega328-1mhz-blink.zip).
It contains a C program, compiled .hex file and Makefile for a blinking LED connected to pin PB5. Wire up the
board as shown here (//www.adafruit.com/images/large/atmegaxx8targetclose_LRG.jpg) (don't forget the 3
jumper wires up top, they are essential!) Then install WinAVR or equivalent (http://www.ladyada.net/learn/avr/)
and run make program in the uncompressed folder to compile and burn the example.
Can easily be turned into a 'Minimal Arduino', simply follow the instructions from TodBot
(http://todbot.com/blog/2009/05/26/minimal-arduino-with-atmega8/) (You'll need a programmer like a
USBtinyISP or similar to burn the bootloader onto it)
9/26/2014
http://www.adafruit.com/product/174



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com