Electronic Components Datasheet Search
  English  ▼

X  

255 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 255
Description  ChronoDot - Ultra-precise Real Time Clock - v2.1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

255 Datasheet(HTML) 1 Page - Adafruit Industries

  255 Datasheet HTML 1Page - Adafruit Industries 255 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ChronoDot - Ultra-precise Real Time Clock -
v2.1
PRODUCT ID: 255
Description
THIS IS THE LATEST VERSION 2.1
The ChronoDot RTC is an extremely accurate real time clock module, based on the DS3231 temperature
compensated RTC (TCXO). It includes a CR1632 battery (not shown, but included in the product) which
should last at least 8 years if the I2C interface is only used while the device has 5V power available. No
external crystal or tuning capacitors are required.
The top side of the Chronodot now features a battery holder for 16mm 3V lithium coin cells. It pairs
particularly well with CR1632 batteries.
The DS3231 has an internal crystal and a switched bank of tuning capacitors. The temperature of the
crystal is continously monitored, and the capacitors are adjusted to maintain a stable frequency. Other RTC
solutions may drift minutes per month, especially in extreme temperature ranges...the ChronoDot will drift
less than a minute per year. This makes the ChronoDot very well suited for time critical applications that
cannot be regularly synchronized to an external clock.
The ChronoDot will plug into a standard solderless breadboard and also has mounting holes for chassis
installation.
The I2C interface is very straightforward and virtually identical to the register addresses of the popular
DS1337 and DS1307 RTCs, which means that existing code for the Arduino, Basic Stamp, Cubloc, and
other controllers should work with no modification.This new version has a battery holder, no soldering
required!


Similar Part No. - 255

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
255 MARL-255 Datasheet
285Kb / 5P
Direct replacement for T3 쩌 BA9s Incandescent
logo
Teledyne Technologies I...
255 TELEDYNE-255 Datasheet
1Mb / 3P
MAGNETIC-LATCHING DPDT HALF-SIZE CRYSTAL CAN MILITARY RELAY
logo
Pentair plc. All rights...
255 PENTAIR-255 Datasheet
1Mb / 20P
This manual is a reference and will not include every system installation situation
logo
Abbatron All Rights Res...
255 ABBATRON-255 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Walther-Werke
255 WALTHER-255 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 255

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C314 RICOH-RS5C314 Datasheet
59Kb / 4P
ULTRA-COMPACT REAL-TIME CLOCK IC?
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-4162 MICROCRYSTAL-RV-4162 Datasheet
1Mb / 39P
Ultra Small Real Time Clock
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
Ultra-Low-Power Real Time Clock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com