Electronic Components Datasheet Search
  English  ▼

X  

269 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 269
Description  Thermocouple Amplifier MAX31855 breakout board (MAX6675 upgrade)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

269 Datasheet(HTML) 2 Page - Adafruit Industries

  269 Datasheet HTML 1Page - Adafruit Industries 269 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTION
Thermocouples are very sensitive, requiring a good amplifier with a cold-compensation reference. The
MAX31855K does everything for you, and can be easily interfaced with any microcontroller, even one without an
analog input. This breakout board has the chip itself, a 3.3V regulator with 10uF bypass capacitors and level
shifting circuitry, all assembled and tested. Comes with a 2 pin terminal block (for connecting to the
thermocouple) and pin header (to plug into any breadboard or perfboard). Goes great with our 1m K-type
thermocouple (http://www.adafruit.com/products/270).
New! Now uses the MAX31855K instead of the MAX6675, so it can measure a wider temperature measurement
range. Please note! the MAX31855 is not pin compatible or drop-in code compatible with the MAX6675. We do
have an Arduino library for both chips but you'll need to adjust any existing MAX6675 designs for the mew
MAX31855. The MAX6675 has been discontinued by Maxim.
Version 2.0 now includes ferrite beads and filter capacitor onboard for better stability
• Works with any K type thermocouple
• Will not work with any other kind of thermocouple other than K type
• -200°C to +1350°C output in 0.25 degree increments - note that K thermocouples have about ±2°C to ±6°C
accuracy
• Internal temperature reading
• 3.3 to 5v power supply and logic level compliant!
• SPI data output requires any 3 digital I/O pins.
Hey we even have a handy tutorial on thermocouples which includes an Arduino library, wiring diagrams and
example code. How easy is that? (http://learn.adafruit.com/thermocouple/)
9/30/2014
http://www.adafruit.com/product/269



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com