Electronic Components Datasheet Search
  English  ▼

X  

834 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 834
Description  mbed extras - LPC1768 development board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

834 Datasheet(HTML) 2 Page - Adafruit Industries

  834 Datasheet HTML 1Page - Adafruit Industries 834 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
The mbed is a tool for rapid prototyping with microcontrollers using the beefy LPC1768 ARM Cortex M3 chip.
While it looks like a classic breadboard-friendly breakout board, this dev board has a few tricks up its sleeve. First
of all, underneath the PCB is a second LPC chip which acts as the programmer: when plugging into a USB port the
mbed shows up as a flash drive and programs can be 'dragged' onto it for uploading. This makes it easy to
program without an external device, and makes bricking impossible. There's also a bunch of indicator LEDs, and a
little flash storage chip as well.
Writing code for the mbed is a little different than you may be used to. Instead of downloading the IDE and
installing it locally, the user must instead visit the http://mbed.org website (http://mbed.org) and use the web-
based 'cloud' programming system. Since the board is programmed via drag-n-drop, no software is installed. The
good news is that it means its easy to work on anywhere you are just by logging on, and there's a vibrant social
network sharing code on the mbed site. The bad news is that Internet access is required to work on a project.
New users can get started with mbed tools in 60 seconds, by plugging in an mbed microcontroller, going to the
mbed.org website to sign up, and downloading and running a "Hello World!" binary just like saving to a USB flash
drive. Compiling a first program takes only 60 seconds more; Launch the browser-based compiler, create a new
template project, click 'compile' to build and download the binary - there is nothing to configure or install, and
everything works on Windows, Mac, or Linux.
The mbed's core chip, the NXP LPC1768 features:
• 40-pin DIP, 0.1" pitch form-factor
• 100MHz NXP LPC1768 MCU with ARM® Cortex™-M3 Core
• 64KB RAM, 512KB FLASH
• Ethernet (requires magnetics and jack), USB, 2xSPI, 2xI2C, 2xCAN 3xUART, 6xPWM, 6xADCs, 1xDAC
• USB drag 'n' drop programming
• High-level C++ libraries
• Online browser-based toolchain
For experienced users, mbed provides a fast way to create proof-of-concept designs in the early stages of
development. For developers using older microcontrollers, discrete logic, or even those new to the industry, mbed
removes the barriers to the world of modern 32-bit microcontrollers.
For more information, see the http://mbed.org (http://mbed.org) website.
MAY WE ALSO SUGGEST...
(/products/1197)
USB cable - 8" A to Mini B Charging
(/products/1341)
LPCXpresso LPC1769 Development
(/products/1323)
mbed Application Board
Xively Jumpstart Kit: ARM® mbed
9/26/2014
http://www.adafruit.com/product/834



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com