Electronic Components Datasheet Search
  English  ▼

X  

862 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 862
Description  GPIO Ribbon Cable for Raspberry Pi Model A and B - 26 pin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

862 Datasheet(HTML) 1 Page - Adafruit Industries

  862 Datasheet HTML 1Page - Adafruit Industries 862 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
GPIO Ribbon Cable for Raspberry Pi
Model A and B - 26 pin
PRODUCT ID: 862 
 
 
Description
That new Raspberry Pi® Model A or B computer you just got has a row of 2x13 pin headers soldered on 
‐ those are the GPIO (general purpose input/output) pins and for those of us who like to hack 
electronics they are where the real fun is. By programming the Pi, you can twiddle those pins high or 
low, send and receive I2C and SPI data, and access the 3V and 5V power rails. This cable is not 
compatible with the Raspberry Pi Model B+ 
 
If you want to bridge those contacts out onto another PCB, you'll want this cable! It's 6" long and has 
26 socket & wire sets. Pin #1 is marked with a white wire. If you have one of our nice Pi Box cases, you 
can even have this plugged in while the case is closed by passing the ribbon cable through the slot on 
the side. 
 
New! Now available in our custom Adafruit Black 


Similar Part No. - 862

ManufacturerPart #DatasheetDescription
logo
Littelfuse
862 LITTELFUSE-862 Datasheet
82Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
logo
France Joint
862 FRANCEJOINT-862 Datasheet
378Kb / 3P
PTFE SHAFT SEALS
logo
Littelfuse
862 LITTELFUSE-862 Datasheet
530Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Panel/Circuit Board Mounted
05/17/21
logo
List of Unclassifed Man...
862 ETC2-862 Datasheet
859Kb / 8P
Pérmanent Magnets
logo
Abbatron All Rights Res...
862 ABBATRON-862 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 862

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
TTL-232R-RPI FTDI-TTL-232R-RPI Datasheet
495Kb / 12P
TTL-232R-RPi Debug Cable for Raspberry Pi
logo
SparkFun Electronics
DEV-12996 SPARKFUN-DEV-12996 Datasheet
98Kb / 1P
Raspberry Pi Enclosure - Clear (RPi2, B)
11/16/2015
PRT-14017 SPARKFUN-PRT-14017 Datasheet
161Kb / 1P
Raspberry Pi GPIO Tall Header - 2x20
12/6/2016
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
RPI4-MODBP-8GB ETC-RPI4-MODBP-8GB Datasheet
1Mb / 6P
Raspberry Pi 4 Computer Model B
2019
110060161 ETC-110060161 Datasheet
197Kb / 3P
GrovePi Starter Kit for Raspberry Pi A,B,B&2,3 (CE certified)
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com