Electronic Components Datasheet Search
  English  ▼

X  

7804 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 7804
Description  PCI 8-Port RS-232, RS-422, RS-485 Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

7804 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  7804 Datasheet HTML 1Page - Sealevel Systems, Inc. 7804 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
PCI 8-Port RS-232, RS-422, RS-485 Serial Interface
Part: 7804 | Model: Ultra COMM+8.PCI
Features
• Compliant with RoHS and WEEE directives
• Each port individually configurable for RS-232, RS-422, or RS-485
• 16C864 buffered UARTs with 128-byte FIFOs
• Data rates to 921.6K bps
• Universal Bus compatible (3.3V and 5V signaling)
• Requires 3.3V power on PCI bus
• Automatic RS-485 enable/disable
• Included 36″ cable terminates to eight DB9M connectors
(Item# CA145)
sealevel.com
+1 864.843.4343
SL9428 E22
Specifications
Communications Chip
16C864
Electrical Interface
RS-232, RS-422, RS-485
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
PCI
Max Data Distance
4000 feet
Max Data Rate
921.6K bps
Operating
Temperature
0°C to 70°C (32°F to 158°F)
PC Bracket
Standard Height
# of Ports
8
RoHS Compliant
Yes
Serial Connector(s)
DB9M
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
UART Series
850 UART



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com