Electronic Components Datasheet Search
  English  ▼

X  

ICM7332QG Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # ICM7332QG
Description  DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7332QG Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  ICM7332QG Datasheet HTML 1Page - IC MICROSYSTEMS ICM7332QG Datasheet HTML 2Page - IC MICROSYSTEMS ICM7332QG Datasheet HTML 3Page - IC MICROSYSTEMS ICM7332QG Datasheet HTML 4Page - IC MICROSYSTEMS ICM7332QG Datasheet HTML 5Page - IC MICROSYSTEMS ICM7332QG Datasheet HTML 6Page - IC MICROSYSTEMS ICM7332QG Datasheet HTML 7Page - IC MICROSYSTEMS ICM7332QG Datasheet HTML 8Page - IC MICROSYSTEMS ICM7332QG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ICM7372/7352/7332
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
with Serial Interface and Adjustable Output Offset
Rev. A10
ICmic reserves the right to change the specifications without prior notice.
2
IC MICROSYSTEMS
ICmic
PACKAGE
16 Lead QSOP
AGND
1
16
VDD
VOA
2
15
VOB
OSA
3
14
OSB
REFA
4
13
REFB
CLR
5
12
N/C
CS
6
11
REFOUT
SDI
7
10
SDO
SCK
8
9
DGND
TOP VIEW
PIN DESCRIPTION (16 Lead QSOP)
Pin
Name
I/O
Description
1
AGND
I
Analog Ground
2
VOA
O
DAC A Output Voltage
3
OSA
I
DAC A Offset Adjustment
4
REFA
I
Reference Voltage Input to DAC A
5
CLR
I
Active Low Clear Input (CMOS). Resets All Registers to Zero. DAC outputs go to 0 V
6
CS
I
Active Low Chip Select (CMOS)
7
SDI
I
Serial Data Input (CMOS)
8
SCK
I
Serial Clock Input (CMOS)
9
DGND
I
Digital Ground
10
SDO
O
Serial data Output
11
REFOUT
O
Reference Output
12
N/C
-
No Connection
13
REFB
I
Reference Voltage Input to DAC B
14
OSB
I
DAC B Offset Adjustment
15
VOB
O
DAC B Output Voltage
16
VDD
I
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com