Electronic Components Datasheet Search
  English  ▼

X  

ICM7337BQ Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # ICM7337BQ
Description  Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7337BQ Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  ICM7337BQ Datasheet HTML 1Page - IC MICROSYSTEMS ICM7337BQ Datasheet HTML 2Page - IC MICROSYSTEMS ICM7337BQ Datasheet HTML 3Page - IC MICROSYSTEMS ICM7337BQ Datasheet HTML 4Page - IC MICROSYSTEMS ICM7337BQ Datasheet HTML 5Page - IC MICROSYSTEMS ICM7337BQ Datasheet HTML 6Page - IC MICROSYSTEMS ICM7337BQ Datasheet HTML 7Page - IC MICROSYSTEMS ICM7337BQ Datasheet HTML 8Page - IC MICROSYSTEMS ICM7337BQ Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ICM7377B/7357B/7337B
Quad 12/10/8-Bit Voltage Output DACs
with Serial Interface and Adjustable Output Gain
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
2
IC MICROSYSTEMS
ICmic
PACKAGE
20 Lead QSOP
VDD
1
20
AGND
FBA
2
19
FBD
VOA
3
18
VOD
VOB
4
17
VOC
FBB
5
16
FBC
REFAB
6
15
REFCD
CLR
7
14
N/C
CS
8
13
REFOUT
SDI
9
12
SDO
SCK
10
11
DGND
TOP VIEW
PIN DESCRIPTION (20 Lead QSOP)
Pin
Name
I/O
Description
1
VDD
I
Supply Voltage
2
FBA
I
Inverting Input of The Output Amplifier DAC A. Output Amplifier Feedback Input.
3
VOA
O
DAC A Output Voltage
4
VOB
O
DAC B Output Voltage
5
FBB
I
Inverting Input of The Output Amplifier DAC B. Output Amplifier Feedback Input.
6
REFAB
I
Reference Voltage Input for DAC A and DAC B
7
CLR
I
Active Low Clear Input (CMOS). Resets All Registers to Zero. DAC outputs go to 0 V
8
CS
I
Active Low Chip Select (CMOS)
9
SDI
I
Serial Data Input (CMOS)
10
SCK
I
Serial Clock Input (CMOS)
11
DGND
I
Digital Ground
12
SDO
O
Serial Data Output
13
REFOUT
O
Reference Output
14
N/C
-
No Connection
15
REFCD
I
Reference Voltage Input for DAC C and DAC D
16
FBC
I
Inverting Input of The Output Amplifier DAC C. Output Amplifier Feedback Input.
17
VOC
O
DAC C Output Voltage
18
VOD
O
DAC D Output Voltage
19
FBD
I
Inverting Input of The Output Amplifier DAC D. Output Amplifier Feedback Input.
20
AGND
I
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com