Electronic Components Datasheet Search
  English  ▼

X  

LAG67F Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LAG67F
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAG67F Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LAG67F Datasheet HTML 6Page - OSRAM GmbH LAG67F Datasheet HTML 7Page - OSRAM GmbH LAG67F Datasheet HTML 8Page - OSRAM GmbH LAG67F Datasheet HTML 9Page - OSRAM GmbH LAG67F Datasheet HTML 10Page - OSRAM GmbH LAG67F Datasheet HTML 11Page - OSRAM GmbH LAG67F Datasheet HTML 12Page - OSRAM GmbH LAG67F Datasheet HTML 13Page - OSRAM GmbH LAG67F Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2006-10-30
10
LA G67F
Empfohlenes Lötpaddesign
8) 9) Seite 15
IR Reflow Löten
Recommended Solder Pad
8) 9)
page 15
IR Reflow Soldering
Package
marking
0.6 (0.024)
Lötstopplack
Solder resist
0.35 (0.014)
A
A
min 9 mm per anode pad for
improved heat dissipation
C
A
A
2
0.8 (0.031)
OHLPY925
0.35 (0.014)
0.8 (0.031)
Package
marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com