Electronic Components Datasheet Search
  English  ▼

X  

7804C Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 7804C
Description  PCI 8-Port RS-232, RS-422, RS-485 Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

7804C Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  7804C Datasheet HTML 1Page - Sealevel Systems, Inc. 7804C Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCI 8-Port RS-232, RS-422, RS-485 Serial Interface
The 7804c is a PCI compliant interface adapter with eight field selectable RS-232/422/485 asynchronous serial ports from a single
PCI slot supporting data rates exceeding 1 Mbps for industrial automation and control applications.
Configure the serial ports as RS232 for standard serial COM port requirements. Choose the RS-422 mode for long distance device
connections up to 4000ft. where noise immunity and high data integrity are essential. Select RS-485 and capture data from multiple
peripherals in an RS485 multi-drop network. Up to 31 RS-485 compliant devices can be connected to each port to automate your
data collection. You can even mix the ports in any of the electrical interface combinations to provide maximum flexibility in your
application.
Under Windows, in RS-485 mode the transmitter is automatically enabled in hardware, eliminating the need for application software
control. This allows the 7804c to be used with standard serial communications applications and removes the risk of bus contention
and data corruption. In RS-232 mode, all modem control signals are implemented for maximum compatibility with a wide range of
serial peripherals. The Sealevel SeaCOM for Windows software driver and utilities make installation and operation easy in Windows
7/10/11 and the 7804c works out of the box on many Linux distributions.
Part: 7804c | Model: Ultra COMM+8.PCI
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 7804C

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7804C BELDEN-7804C Datasheet
315Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 2 Conductor 16 AWG,Belflex® Jacket, CMR
12-19-2022
7804CB591000 BELDEN-7804CB591000 Datasheet
315Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 2 Conductor 16 AWG,Belflex® Jacket, CMR
12-19-2022
7804CB591640 BELDEN-7804CB591640 Datasheet
315Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 2 Conductor 16 AWG,Belflex® Jacket, CMR
12-19-2022
7804CB592500 BELDEN-7804CB592500 Datasheet
315Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 2 Conductor 16 AWG,Belflex® Jacket, CMR
12-19-2022
7804CB593280 BELDEN-7804CB593280 Datasheet
315Kb / 3P
SMPTE 311M Cable, 2 Fiber, 2 Conductor 24 AWG, 2 Conductor 16 AWG,Belflex® Jacket, CMR
12-19-2022
More results

Similar Description - 7804C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
EKI-1526 ADVANTECH-EKI-1526 Datasheet
656Kb / 2P
8-port RS-232/422/485 Serial Device Server
logo
Exar Corporation
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Moxa Inc.
5600-DTL MOXA-5600-DTL Datasheet
1Mb / 5P
8-port RS-232/422/485 serial device servers
CP-114UL MOXA-CP-114UL Datasheet
726Kb / 4P
4-port RS-232/422/485 Universal PCI serial boards
CP-118EL-A MOXA-CP-118EL-A Datasheet
979Kb / 4P
8-port RS-232/422/485 PCI Express serial boards
CP-118U MOXA-CP-118U Datasheet
979Kb / 5P
8-port RS-232/422/485 Universal PCI serial boards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com