Electronic Components Datasheet Search
  English  ▼

X  

MY2N Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # MY2N
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2N Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button MY2N_V02 Datasheet HTML 17Page - Omron Electronics LLC MY2N_V02 Datasheet HTML 18Page - Omron Electronics LLC MY2N_V02 Datasheet HTML 19Page - Omron Electronics LLC MY2N_V02 Datasheet HTML 20Page - Omron Electronics LLC MY2N_V02 Datasheet HTML 21Page - Omron Electronics LLC MY2N_V02 Datasheet HTML 22Page - Omron Electronics LLC MY2N_V02 Datasheet HTML 23Page - Omron Electronics LLC MY2N_V02 Datasheet HTML 24Page - Omron Electronics LLC MY2N_V02 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
MY(S)
21
Hermetically Sealed Relays: MY4(Z)H
Specifications
Contact Ratings
* With no icing or condensation.
Characteristics
Note: The above values are initial values.
*1. Measurement conditions: 1 A at 5 VDC using the voltage drop method
*2. Measurement conditions: With rated operating power applied, not including
contact bounce.
Ambient temperature condition: 23° C
*3. Measurement conditions: For 500 VDC applied to the same location as for
dielectric strength measurement.
*4. This value is for bifurcated contacts.
*5. Ambient temperature condition: 23° C
*6. This value was measured at a switching frequency of 120 operations per
minute.
Engineering Data
Load
MY4H
MY4ZH
Item
Resistive
load
Inductive load
cos φ = 0.4
L/R = 7 ms
Resistive
load
Inductive load
cos φ = 0.4
L/R = 7 ms
Rated load
3 A at 110 VAC
3 A at 24 VDC
0.8 A at 110 VAC
1.5 A at 24 VDC
3 A at 110 VAC
3 A at 24 VDC
0.8 A at 110 VAC
1.5 A at 24 VDC
Rated carry
current 3 A
Maximum contact
voltage
125 VAC
125 VDC
Maximum contact
current
3 A
Contact form 4DPDT
4DPDT (Bifurcated)
Contact materials Au plating + Ag
Ambient operating
temperature
−25 to 60° C*
Ambient operating
humidity
5% to 85%
Contact resistance*1
50 m
Ω max.
Operation time*2
20 ms max.
Release time*2
20 ms max.
Maximum
operating
frequency
Mechanical
18,000 operations/h
Rated load
1,800 operations/h
Insulation resistance*4
100 M
Ω min.
Dielectric
strength
Between coil
and contacts
1,000 VAC at 50/60 Hz for 1 min.
(700 VAC between contacts of the same polarity.)
Between contacts
of different polarity
Vibration
resistance
Destruction
10 to 55 to 10 Hz, 0.5-mm single amplitude
(1.0-mm double amplitude)
Malfunction
10 to 55 to 10 Hz, 0.5-mm single amplitude
(1.0-mm double amplitude)
Shock
resistance
Destruction
1,000 m/s2
Malfunction
200 m/s2
Endurance
Mechanical
50,000,000 operations (5,000,000 operations*4) min.
(operating frequency: 18,000 operations/h)
Electrical*5
100,000 operations (50,000 operations*4) min. rated
load, switching frequency: 1,800 operations/h)
Failure rate P value
(reference value)*6
Single contacts: 100
μA at 1 VDC
Bifurcated contacts: 100
μA at 100 mVDC
Weight
Approx. 50 g
Maximum Switching Capacity
Endurance Curve
MY4(Z)H
MY4H
Note: The durability of bifurcated contacts is one-half that of single contacts.
DC inductive load
(L/R = 7 ms)
DC resistive load
AC resistive load
AC inductive load
(cos φ = 0.4)
0.1
0.5
1
5
5
10
50
100
500
Contact voltage (V)
110 VAC resistive load
24 VDC resistive load
10
50
100
500
01
2
3
Contact current (A)
24 VDC inductive load (L/R = 7 ms)
110 VAC inductive load
(cos φ = 0.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com