Electronic Components Datasheet Search
  English  ▼

X  

1327 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 1327
Description  45 amp High Power PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1327 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  1327 Datasheet HTML 1Page - Anderson Power Products, Inc. 1327 Datasheet HTML 2Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HEADQUARTERS: Anderson Power Products®, 13 Pratts Junction Road, Sterling, MA01564-2305 USA T:978-422-3600 F:978-422-3700
EUROPE: Anderson Power Products® Ltd., Unit 3, Europa Court, Europa Boulevard, Westbrook, Warrington, Cheshire, WA5 7TN United Kingdom T: +44 (0) 1925 428390 F: +44 (0) 1925 520203
ASIA/ PACIFIC:IDEALAnderson Asia Pacific Ltd., Unit 922-928Topsail Plaza, 11 On Sum Street, Shatin N.T., Hong Kong T:+(852) 2636 0836 F:+(852) 2635 9036
CHINA: IDEALAndersonTechnologies (Shenzhen) Ltd., Block A8Tantou Western Industrial Park, Songgang Baoan District, Shenzhen, PR. China 518105 T: +(86) 755 2768 2118 F: +(86) 755 2768 2218
TAIWAN: IDEALAnderson Asia Pacific Ltd.,Taiwan Branch, 4F.-2, No.116, Dadun 20th St., Situn District, Taichung City 407,Taiwan (R.O.C.) T: +(886) 4 2310 6451 F:+(886) 4 2310 6460
www.andersonpower.com
DIMENSIONS
Straight Terminal
Right Angle Terminal
Right Angle
Typical Contact
Terminal 2 High
Orientation
Blocked Housings 2 x 2
Footprint
Staple
TEMPERATURE RISE CHART
PP45PC- Series Heat Rise
Mounted on #10 AWG Equivalent Traces
Mated with 261G2 Contact / #10 AWG
Amperes
[24.6]
0.97
TYP
[5.1]
0.20
[28.1]
1.11
[7.9]
0.31
TYP
[36]
1.42
[7.9]
0.31
TYP
Contact Slot
PC Board
Singlepole Vertical Mount
Connector Typical Placement
[2.0]
0.08
[5.9]
0.23
[7.92]
0.312
Typical
Spacing
A
A
Top Row Slots
Bottom Row Slots
B
B
[1.27]
0.050
4X
Holes For PCB
Staple Accessory 2X
[9.9]
0.39 REF
[18.23]
0.718
[26.15]
1.030
[24.6]
0.97 REF
[14.8]
0.582
[Ø 1.20]
0.047
[5.23]
0.206 4X
Contact Slot
in PC Board
[2.0]
0.08
[13.8]
0.54
Multipole Vertical Mount
Connector Typical Placement
[8.5]
0.33
TYP
[5.7]
0.22
[16.1]
0.63
[5.7]
0.22
[24.30]
0.957
[7.32]
0.288
[4.57]
Ø 0.180 MAX
Screw Holes For
Mounting Wing
Accessory
0
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
Single Pole
1 x 2 Configuration
2 x 2 Configuration
A
B
Part
- A -
- B -
Number
H x W
mm
in.
mm
in.
114555P1
1x1
12.0 0.472
6.0
0.236
114555P2
1x2
12.0 0.472
13.5 0.531
114555P3
1x3
12.0 0.472
21.5 0.846
114555P7
1x4
12.0 0.472
29.5 1.161
114555P8
1x6
12.0 0.472
45.5 1.791
114555P5
2x1
20.0 0.787
6.0
0.236
114555P6
2x2
20.0 0.787
13.5 0.531
114555P9
2x2 (long) 23.0 0.905
13.5 0.531
14755 DS-HPPCB REV07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com