Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC031DR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75LBC031DR
Description  HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75LBC031DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LBC031DR Datasheet HTML 3Page - Texas Instruments SN75LBC031DR Datasheet HTML 4Page - Texas Instruments SN75LBC031DR Datasheet HTML 5Page - Texas Instruments SN75LBC031DR Datasheet HTML 6Page - Texas Instruments SN75LBC031DR Datasheet HTML 7Page - Texas Instruments SN75LBC031DR Datasheet HTML 8Page - Texas Instruments SN75LBC031DR Datasheet HTML 9Page - Texas Instruments SN75LBC031DR Datasheet HTML 10Page - Texas Instruments SN75LBC031DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN65LBC031, SN65LBC031Q, SN75LBC031
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SLRS048A – MAY 1998 – REVISED APRIL 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tloop
TX Input
RX Output
10%
90%
1.5 V
3 V
0 V
VOH
VOL
tloop
Figure 3. Loop Time
SR(RD)
TX Input
VO(DIFF)
80%
20%
1.5 V
3 V
0 V
VOH
VOL
SR(DR)
80%
20%
Figure 4. Slew Rate
NOTE A: The input pulse is supplied to TX by a generator having a tr and tf = 5 ns.
NOTE A: The input pulse is supplied as VDIFF using CANH and CANL
respectively by a generator having a tr and tf = 5 ns.
tpd(RECRD)
RX Output
VO(DIFF)
10%
90%
0.9 V
tpd(RECDR)
0.5 V
Figure 5. Receiver Delay Times
VS
100 pF
100 pF
60
Ω
CANH
CANL
R(SOURCE)
Transient Source
(Schaffner Generator)
Figure 6. Transient Stress Capability Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com