Electronic Components Datasheet Search
  English  ▼

X  

VRW68 Datasheet(PDF) 3 Page - TT Electronics.

Part # VRW68
Description  High Voltage Thick Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

VRW68 Datasheet(HTML) 3 Page - TT Electronics.

  VRW68 Datasheet HTML 1Page - TT Electronics. VRW68 Datasheet HTML 2Page - TT Electronics. VRW68 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Voltage Thick Film Resistors
VRW Series
Ordering Procedure
Example: VRW25-1M2JI (VRW25, 1.2 megohms ±5%, Pb-free)
V R W 2
5
-
1 M 2
J
I
1
2
3
4
1
2
3
4
Type
Value
Tolerance
Packing
VRW25 E24 = 3/4 characters
F = ±1%
I
Ammo
VRW25 5000/box
VRW37 E96 = 3/4 characters
VRW37 2500/box
VRW68
K = kilohms
VRW68 1000/box
M = megohms
J = ±5%
10.24
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com