| Electronic Components Datasheet Search |
|
7815AC Datasheet(PDF) 3 Page - Silicon Supplies |
|
|
|||||||||||||||||||||||||||||
7815AC Datasheet(HTML) 3 Page - Silicon Supplies |
|
3 / 5 page ![]() Page 3 of 5 www.siliconsupplies.com PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS TJ = 25°C, IOUT = 1A 14.70 15 15.30 Output Voltage VOUT 5mA ≤ IOUT ≤ 1A, 17.9V ≤ VIN ≤ 30V, PD ≤ 15 Watts 14.40 15 15.60 V 17.9V ≤ VIN ≤ 30V - 8.5 20 20V ≤ VIN ≤ 26V, IOUT = 1A - 3.0 22 Line Regulation ΔVOUT 17.5V ≤ VIN ≤ 30V,IOUT =1A,TJ =25°C - 7.0 20 5mA ≤ IOUT ≤ 1.5A, TJ = 25°C - 1.8 25 5mA ≤ IOUT ≤ 1A - 1.5 25 Load Regulation ΔVOUT 250mA ≤ IOUT ≤ 750mA - 1.2 15 mV Input Bias Current IB - 3.5 6.0 mA 17.5V ≤ VIN ≤ 30V - - 0.8 17.5V ≤ VIN ≤ 30V,IOU T=1A,TJ= 25°C - - 0.8 Input Bias Current Change ΔIB 5mA ≤ IOUT ≤ 1A - - 0.5 mA Output Noise Voltage Vn 10Hz ≤ f ≤ 100KHz, TJ = 25°C - 10 - µV/VOUT Ripple Rejection RR 18.5V ≤ VIN ≤ 28.5V, f = 120Hz, 60 80 - dB Dropout Voltage VIN – VOUT IOUT = 1A, TJ = 25°C - 2 - V Output Resistance rOUT f = 1 kHz - 1.2 - mΩ Short-Circuit Current Limit ISC VIN = 35V, TA = 25°C - 0.2 - A Peak Output Current IMAX TJ = 25°C - 2.2 - A Avg. Output Voltage Temp. Coefficient TCVOUT - -1.0 - mV/°C Absolute Maximum Ratings1 PARAMETER SYMBOL VALUE UNIT Input Voltage VIN 36 V Power Dissipation 2 PD Internally Limited W Operating Temperature Range - -55 to 150 °C Maximum Junction Temperature TJ 150 °C Storage Temperature TSTG -65 to 150 °C 1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may reduce device reliability. 2. Results in die form depend on die attach and assembly method. Max power dissipation is internally limited by the die. Linear Voltage Regulator – 7815AC Rev 1.0 19/04/19 PARAMETER SYMBOL MIN MAX UNIT Input Voltage VIN 7 25 V Output Current IOUT - 1.5 A Operating Temperature Range TJ -55 125 °C Recommended Operating Conditions DC Electrical Characteristics, V l =23V, lOUT=500mA,CI=0.33µF, CO=0.1µf, TMIN≤TJ≤TMAX(unless noted otherwise) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |