Electronic Components Datasheet Search
  English  ▼

X  

1590 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1590
Description  RA8875 Driver Board for 40-pin TFT Touch Displays - 800x480 Max
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1590 Datasheet(HTML) 2 Page - Adafruit Industries

  1590 Datasheet HTML 1Page - Adafruit Industries 1590 Datasheet HTML 2Page - Adafruit Industries 1590 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Have you gazed longingly at large TFT displays - you know what I'm talking about
here, 4", 5" or 7" TFTs with up to 800x480 pixels. Then you look at your Arduino.
You love your Arduino (you really do!) but there's no way it can control a display
like that, one that requires 60Hz refresh and 4 MHz pixel clocking. Heck, it doesn't
even have enough pins. I suppose you could move to ARM core processors with TTL
display drivers built in but you've already got all these shields working and anyways
you like small micros you've got.
What if I told you there was a driver chip that could fulfill those longings? A chip
that can control up 800x480 displays, and heck, a resistive touchscreen as well. All
you need to give up is 5 or so SPI pins. Would you even believe me? Well, sit down
because this product may shock you.
The RA8875 is a powerful TFT driver chip. It is a perfect match for any chip that
wants to draw on a big TFT screen but doesn't quite have the oomph (whether it be
hardware or speed). Inside is 768KB of RAM, so it can buffer the display (and
depending on the screen size also have double overlaying). The interface is SPI with
a very basic register read/write method of communication (no strange and
convoluted packets). The chip has a range of hardware-accelerated shapes such as
lines, rectangles, triangles, ellipses, built in and round-rects. There is also a built
in English/European font set (see the datasheet section 7-4-1 for the font table)
This makes it possible to draw fast even over SPI.
The RA8875 can also handle standard 4-wire resistive touchscreens over the same
SPI interface to save you pins. There's an IRQ pin that you can use to help manage
touch interrupts. The touchscreen handler isn't the most precise driver we've used,
so we broke out the X/Y pins so you can connect them up to something like the
STMPE610 which is a very classy touchscreen controller.
On the PCB we have the main chip, level shifting so you can use safely with 3-5V
logic. There is also a 3V regulator to provide clean power to the chip and the
display. For the backlight, we put a constant-current booster that can provide



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com