Electronic Components Datasheet Search
  English  ▼

X  

CLT100F-2M4 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CLT100F-2M4
Description  ELECTRICAL SOLUTIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CLT100F-2M4 Datasheet(HTML) 2 Page - PANDUIT CORP.

  CLT100F-2M4 Datasheet HTML 1Page - PANDUIT CORP. CLT100F-2M4 Datasheet HTML 2Page - PANDUIT CORP. CLT100F-2M4 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Order number of reels required, in multiples of Standard Package Quantity.
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
*Reel packaging may contain splices. Contact Panduit Customer Service for further information.
Corrugated Loom Tubing – Slit (continued)
mm
In.
mm
In.
m
Ft.
Std.
Pkg.
Qty.*
Temperature
Range
Outside
Diameter
Inside
Diameter
Length
Per Reel
Color
Material
Part Number
CLT75F-C4
Polyethylene
Yellow
100
30.5
0.76
19.3
0.94
23.8
-40°F – 122°F (-40°C – 50°C)
1
CLT75F-C20
Polyethylene
Black
100
30.5
0.76
19.3
0.94
23.8
-40°F – 122°F (-40°C – 50°C)
1
CLT75F-2M20
Polyethylene
Black
2,000
609.6
0.76
19.3
0.94
23.8
-40°F – 122°F (-40°C – 50°C)
1
CLT100F-X4
Polyethylene
Yellow
10
3.1
0.92
23.2
1.09
27.7
-40°F – 122°F (-40°C – 50°C)
1
CLT100F-C3
Polyethylene
Orange
100
30.5
0.92
23.2
1.09
27.7
-40°F – 122°F (-40°C – 50°C)
1
CLT100F-C4
Polyethylene
Yellow
100
30.5
0.92
23.2
1.09
27.7
-40°F – 122°F (-40°C – 50°C)
1
CLT100F-C20
Polyethylene
Black
100
30.5
0.92
23.2
1.09
27.7
-40°F – 122°F (-40°C – 50°C)
1
CLT100F-125M20
Polyethylene
Black
1,250
381.0
0.92
23.2
1.09
27.7
-40°F – 122°F (-40°C – 50°C)
1
CLT125F-L3
Polyethylene
Orange
50
15.2
1.29
32.8
1.50
38.1
-40°F – 122°F (-40°C – 50°C)
1
CLT125F-L4
Polyethylene
Yellow
50
15.2
1.29
32.8
1.50
38.1
-40°F – 122°F (-40°C – 50°C)
1
CLT125F-L20
Polyethylene
Black
50
15.2
1.29
32.8
1.50
38.1
-40°F – 122°F (-40°C – 50°C)
1
CLT125F-.75M20
Polyethylene
Black
750
228.6
1.29
32.8
1.50
38.1
-40°F – 122°F (-40°C – 50°C)
1
CLT150F-X3
Polyethylene
Orange
10
3.1
1.48
37.6
1.73
43.9
-40°F – 122°F (-40°C – 50°C)
1
CLT150F-X4
Polyethylene
Yellow
10
3.1
1.48
37.6
1.73
43.9
-40°F – 122°F (-40°C – 50°C)
1
CLT150F-T20
Polyethylene
Black
200
61.0
1.48
37.6
1.73
43.9
-40°F – 122°F (-40°C – 50°C)
1
CLT150F-D3
Polyethylene
Orange
500
152.4
1.48
37.6
1.73
43.9
-40°F – 122°F (-40°C – 50°C)
1
CLT150F-D4
Polyethylene
Yellow
500
152.4
1.48
37.6
1.73
43.9
-40°F – 122°F (-40°C – 50°C)
1
CLT150F-D20
Polyethylene
Black
500
152.4
1.48
37.6
1.73
43.9
-40°F – 122°F (-40°C – 50°C)
1
CLT188F-X3
Polyethylene
Orange
10
3.1
1.88
47.8
2.17
55.1
-40°F – 122°F (-40°C – 50°C)
1
CLT188F-X4
Polyethylene
Yellow
10
3.1
1.88
47.8
2.17
55.1
-40°F – 122°F (-40°C – 50°C)
1
CLT188F-X20
Polyethylene
Black
10
3.1
1.88
47.8
2.17
55.1
-40°F – 122°F (-40°C – 50°C)
1
Solid Wall
CLTS25F-C
Polyethylene
Black
100
30.5
0.28
7.0
0.40
10.1
-40°F – 122°F (-40°C – 50°C)
1
CLTS25F-C3
Polyethylene
Orange
100
30.5
0.28
7.0
0.40
10.1
-40°F – 122°F (-40°C – 50°C)
1
CLTS25F-10M
Polyethylene
Black
10,000
3048.0
0.28
7.0
0.40
10.1
-40°F – 122°F (-40°C – 50°C)
1
CLTS35F-C
Polyethylene
Black
100
30.5
0.35
8.9
0.50
12.7
-40°F – 122°F (-40°C – 50°C)
1
CLTS35F-C3
Polyethylene
Orange
100
30.5
0.35
8.9
0.50
12.7
-40°F – 122°F (-40°C – 50°C)
1
CLTS38F-C
Polyethylene
Black
100
30.5
0.42
10.5
0.56
14.1
-40°F – 122°F (-40°C – 50°C)
1
CLTS38F-C3
Polyethylene
Orange
100
30.5
0.42
10.5
0.56
14.1
-40°F – 122°F (-40°C – 50°C)
1
CLTS50F-C
Polyethylene
Black
100
30.5
0.51
12.8
0.67
17.0
-40°F – 122°F (-40°C – 50°C)
1
CLTS50F-C3
Polyethylene
Orange
100
30.5
0.51
12.8
0.67
17.0
-40°F – 122°F (-40°C – 50°C)
1
CLTS62F-C
Polyethylene
Black
100
30.5
0.65
16.5
0.82
20.7
-40°F – 122°F (-40°C – 50°C)
1
CLTS62F-C3
Polyethylene
Orange
100
30.5
0.65
16.5
0.82
20.7
-40°F – 122°F (-40°C – 50°C)
1
CLTS75F-C
Polyethylene
Black
100
30.5
0.76
19.3
0.94
23.8
-40°F – 122°F (-40°C – 50°C)
1
CLTS75F-C3
Polyethylene
Orange
100
30.5
0.76
19.3
0.94
23.8
-40°F – 122°F (-40°C – 50°C)
1
CLTS75F-2M
Polyethylene
Black
2,000
609.6
0.76
19.3
0.94
23.8
-40°F – 122°F (-40°C – 50°C)
1
CLTS100F-C
Polyethylene
Black
100
30.5
0.92
23.2
1.09
27.7
-40°F – 122°F (-40°C – 50°C)
1
CLTS100F-C3
Polyethylene
Orange
100
30.5
0.92
23.2
1.09
27.7
-40°F – 122°F (-40°C – 50°C)
1
CLTS100F-1.25M
Polyethylene
Black
1,250
381.0
0.92
23.2
1.09
27.7
-40°F – 122°F (-40°C – 50°C)
1
CLTS150F-D
Polyethylene
Black
500
152.4
1.48
37.6
1.73
43.9
-40°F – 122°F (-40°C – 50°C)
1
CLTS150F-D3
Polyethylene
Orange
500
152.4
1.48
39.1
1.73
43.9
-40°F – 122°F (-40°C – 50°C)
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com