Electronic Components Datasheet Search
  English  ▼

X  

1902 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1902
Description  SmartMatrix SmartLED Shield (V4) for Teensy 3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1902 Datasheet(HTML) 2 Page - Adafruit Industries

  1902 Datasheet HTML 1Page - Adafruit Industries 1902 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
It's a great board for easily expanding your Teensy's capabilities. You'll also need to program in
your Teensy with the SmartMatrix code available on the project website.
TECHNICAL DETAILS-
Dimensions: 52mm x 49mm x 6mm / 2" x 1.9" x 0.23"
Length with attached cable: 138 mm
Height w/ Components: 15mm / 0.6"
Weight: 12g (only board), 22g (board w/header and cable)
Full Kit Contents
SmartLED Shield V4
Male 4-pin JST SM Cable (10cm)
2x8 Extra Long Pin Header
Revision History:
As of Monday, December 11th, 2017 we are selling the upgraded SmartMatrix SmartLED
Shield (V4) for Teensy 3.
 
https://www.adafruit.com/product/1902/11‐17‐20 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com