Electronic Components Datasheet Search
  English  ▼

X  

2133 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2133
Description  Adafruit Audio FX Sound Board - WAV/OGG Trigger with 2MB Flash
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2133 Datasheet(HTML) 1 Page - Adafruit Industries

  2133 Datasheet HTML 1Page - Adafruit Industries 2133 Datasheet HTML 2Page - Adafruit Industries 2133 Datasheet HTML 3Page - Adafruit Industries 2133 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Adafruit Audio FX Sound Board - WAV/OGG
Trigger with 2MB Flash
PRODUCT ID: 2133


Similar Part No. - 2133

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
Front-End Filters: 10.0MHz to 220 MHz
logo
Heyco.
2133 HEYCO-2133 Datasheet
151Kb / 1P
Extra Dome Plugs
logo
Belden Inc.
2133 BELDEN-2133 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
VISATON GmbH & Co. KG
2133 VISATON-2133 Datasheet
86Kb / 4P
FR 13 WP - 4 Ohm (schwarz)
16.07.2013
logo
Molex Electronics Ltd.
213309-0000 MOLEX-213309-0000 Datasheet
1Mb / 7P
Hand Crimp Tool for Squba 3.6 Med Crimp Terminals
07-16-20
More results

Similar Description - 2133

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
ID240D01 SHARP-ID240D01 Datasheet
1Mb / 36P
2MB Flash Memory Card
ID243D01 SHARP-ID243D01 Datasheet
2Mb / 33P
2MB Flash Memory Card
ID244D01 SHARP-ID244D01 Datasheet
2Mb / 38P
2MB Flash Memory Card
logo
Rohm
BH3868BFS ROHM-BH3868BFS Datasheet
239Kb / 28P
Audio sound processor with BBE
logo
New Japan Radio
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
AUDIO PROCESSOR with SOUND ENHANCEMENT
logo
List of Unclassifed Man...
SA25F020 ETC1-SA25F020 Datasheet
560Kb / 37P
2Mb Serial Flash with 25MHz SPI Bus Interface
VS1000 ETC2-VS1000 Datasheet
1Mb / 23P
Ogg Vorbis Player IC with USB and NAND FLASH Interface
logo
ACE Technology Co., LTD...
ACE25C200 ACE-ACE25C200 Datasheet
1Mb / 32P
2MB Serial Flash Memory
VER 1.2
logo
PHOENIX CONTACT
2729389 PHOENIX-2729389 Datasheet
53Kb / 2P
Memory - IBS MC FLASH 2MB
09/12/2020
logo
VLSI Solution Oy
VS8053 VLSI-VS8053 Datasheet
746Kb / 79P
VS8053b - AUDIO PROCESSOR WITH Ogg Vorbis / FLAC / WAV SUPPORT
Version: 1.31, 2017-11-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com