Electronic Components Datasheet Search
  English  ▼

X  

2143 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2143
Description  Flex Cable for Raspberry Pi Camera or Display ‐ 1 meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2143 Datasheet(HTML) 1 Page - Adafruit Industries

  2143 Datasheet HTML 1Page - Adafruit Industries 2143 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
  
Flex Cable for Raspberry Pi Camera or Display ‐ 1 
meter 
PRODUCT ID: 2143  
This cable will let you swap out the stock 150mm long flex cable from a Raspberry Pi Camera (either 
'classic' or 'NoIR' type) or Raspberry Pi Display for a different size. Works great, just carefully open the 
connector on the Pi and slip this one in. 
This cable is 1 meter long. We have cables in a ton of sizes so you can have the perfect fit. Each order 
comes with one cable, Pi Camera not included (but we have those in the shop as well) 


Similar Part No. - 2143

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2143 KR-2143 Datasheet
21Kb / 1P
Lowpass Filter
logo
Pomona Electronics
2143 POMONA-2143 Datasheet
29Kb / 1P
Double Miniature Banana Jack
logo
List of Unclassifed Man...
2143-0 ETC2-2143-0 Datasheet
34Kb / 1P
Double Miniature Banana Jack
logo
Pomona Electronics
2143-0 POMONA-2143-0 Datasheet
29Kb / 1P
Double Miniature Banana Jack
logo
List of Unclassifed Man...
2143-2 ETC2-2143-2 Datasheet
34Kb / 1P
Double Miniature Banana Jack
More results

Similar Description - 2143

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
ULCD-32-PTU-PI ETC2-ULCD-32-PTU-PI Datasheet
440Kb / 10P
Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
1731 ETC2-1731 Datasheet
82Kb / 1P
Flex Cable for Raspberry Pi Camera - 24 / 610mm
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
SparkFun Electronics
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RASPBERRYPI-DISPLAY ETC-RASPBERRYPI-DISPLAY Datasheet
401Kb / 1P
Raspberry Pi 7” Touch Screen Display
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com