Electronic Components Datasheet Search
  English  ▼

X  

2200 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2200
Description  Precision LM4040 Voltage Reference Breakout - 2.048V and 4.096V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2200 Datasheet(HTML) 2 Page - Adafruit Industries

  2200 Datasheet HTML 1Page - Adafruit Industries 2200 Datasheet HTML 2Page - Adafruit Industries 2200 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
How good is your multimeter really?  Or maybe your analog converter needs a good
reference? Or lets say you want to test your microcontroller's conversion accuracy &
precision. If only you had a dependable, high precision, rock-solid voltage
reference. Now you know why we made this very cute and useful little breakout
board. It has two very high precision shunt-type voltage references with 750 ohm
biasing resistors. One is 2.048V (great for 3.3V reference systems) and the other is
4.096 (great for 5V). Both are 0.1% accuracy!
Using is easy, just power with about 5V-12V, or 3V if you want only the 2V
reference to work. Then measure the voltage on the output. Note that these are not
regulators - you can't power anything off the output. They are for measurements
only. For more details, check the LM4040 Datasheet for more information.
11/13/2015
http://www.adafruit.com/product/2200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com