Electronic Components Datasheet Search
  English  ▼

X  

2219 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2219
Description  TFP401 HDMI/DVI Decoder to 40-Pin TTL Breakout - With Touch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2219 Datasheet(HTML) 2 Page - Adafruit Industries

  2219 Datasheet HTML 1Page - Adafruit Industries 2219 Datasheet HTML 2Page - Adafruit Industries 2219 Datasheet HTML 3Page - Adafruit Industries 2219 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
DESCRIPTION
It's a mini HDMI decoder board! So small and simple, you can use this board as an
all-in-one display driver for TTL displays, or perhaps decoding HDMI/DVI video for
some other project. This breakout features the TFP401 for decoding video, and for
the touch version, an AR1100 USB resistive touch screen driver.
The TFP401 is a beefy DVI/HDMI decoder from TI. It can take unencrypted video
and pipe out the raw 24-bit color pixel data - HDCP not supported! It will decode
any resolution from 25-165MHz pixel clock, basically up to 1080p. We've used this
breakout with 800x480 displays, so we have not specifically tested it with higher
resolutions. We added a bunch of supporting circuitry like a backlight driver and
configured it for running basic TTL display panels such as the ones we have in the
shop
You can even power the display and decoder from a USB port. For example, with a
5" 800x480 display and 50mA backlight current, the current draw is 500mA total.
You can reduce that down  370mA by running the backlight at half-brightness
(25mA). With the backlight off, the decoder and display itself draws 250mA. If you
want more backlight control, there's a PWM input, connect that to your
microcontroller or other PWM output and you can continuously dim the backlight as
desired
We have two versions, one is video only and one is video+touch. This is the version
with touch! Pair it with a screen that has a resistive touch overlay. The USB port
then acts as both power and data, with the touch screen appearing like a USB
mouse. We've tested it sucessfully on Mac, Windows, and Debian Linux (Raspbian
on a Raspberry Pi). Other Linux distributions may or may not work, but if you're
running Linux you're probably used to that.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com