Electronic Components Datasheet Search
  English  ▼

X  

2220 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2220
Description  Adafruit Audio FX Sound Board - WAV/OGG Trigger with 16MB Flash
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2220 Datasheet(HTML) 2 Page - Adafruit Industries

  2220 Datasheet HTML 1Page - Adafruit Industries 2220 Datasheet HTML 2Page - Adafruit Industries 2220 Datasheet HTML 3Page - Adafruit Industries 2220 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
DESCRIPTION
Would you like to add audio/sound effects to your next project, without an
Arduino+Shield? Or maybe you don't even know how to use microcontrollers, you
just want to make a sound play whenever you press a button. What about
something that has to be small and portable? You are probably feeling a little
frustrated: it's been very hard to find a simple, low cost audio effects trigger that is
easy to use and does not require any programming
UNTIL NOW!
Don't get me wrong, I love the MP3 Music Maker shield, and our Wave Shield is a
dependable classic. But you still need to get an Arduino involved. There's all sorts
of tricks with ISD chips or recordable greeting cards, but they never sound any
good. So after a lot of engineering and tinkering we've come out with the Adafruit
Sound Board, the fastest way to add audio effects to a project! We think this is the
best sound board for props and costumes!
The Sound Board has a lot of amazing features that make it the easiest thing ever:
• No Arduino or other microcontroller required! It is completely stand-alone,
just needs a 3 to 5.5VDC battery
• Small - only 1.9" x 0.85"
• Built in storage - yep! you don't even need an SD card, there's 16MB of
storage on the board itself. Good for ~15 minutes of compressed stereo, and
maybe a couple minutes of uncompressed stereo. Double that if you go with
mono instead of stereo. If you don't need as much space, we also have a 2MB
version.
• Built in Mass Storage USB - Plug any micro USB cable into the Sound Board
and your Windows computer, you can drag and drop your files right on as if it
were a USB key
• Compressed or Uncompressed audio - Go with compressed Ogg Vorbis files
for longer audio files, or uncompressed WAV files
• High Quality Sound - You want 44.1KHz 16 bit stereo? Not a problem! The
decoding hardware can handle any bit/sample rate and mono or stereo



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com