Electronic Components Datasheet Search
  English  ▼

X  

2310 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2310
Description  Adafruit Perma-Proto HAT for Pi Mini Kit - No EEPROM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2310 Datasheet(HTML) 2 Page - Adafruit Industries

  2310 Datasheet HTML 1Page - Adafruit Industries 2310 Datasheet HTML 2Page - Adafruit Industries 2310 Datasheet HTML 3Page - Adafruit Industries 2310 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
DESCRIPTION
Design your own Pi HAT, attach custom circuitry and otherwise dress your Pi A+,
B+, or Pi 2 with this jaunty prototyping HAT kit.
To kick off the Adafruit HAT party, we have this Perma-Proto inspired plug in
daughter board. It has a grid of 0.1" prototyping soldering holes for attaching
chips, resistors, LED, potentiometers and more. The holes are connected
underneath with traces to mimic the solderless breadboards you're familiar. There's
also long power strips for +3V, +5V and Ground connections to the Pi. Near the
top we break out nearly every pin you could want to connect to the Pi (#26 didnt
quite make the cut).
This is just the basic version of our Perma-Proto HAT.  It comes with a printed
circuit board and a single 2x20 GPIO Header for Raspberry Pi to put your Perma-
Proto on top of your Raspberry Pi (like a nice little hat...) This version does not
come with an EEPROM so you can 'stack' it with other HATs without worrying about
an EEPROM address collision.
You can customize your Perma-Proto setup using a standard 2x20 stacking header
or extra tall 2x20 stacking header. You can also swap out the 2x20 header with a
slim 2x20 type if you want it to sit closer to the Pi, or an extra tall one if you want
it to sit above the USB/Ethernet ports.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com