Electronic Components Datasheet Search
  English  ▼

X  

2341 Datasheet(PDF) 5 Page - Adafruit Industries

Part # 2341
Description  Adafruit Audio FX Mini Sound Board - WAV/OGG Trigger 16MB Flash
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2341 Datasheet(HTML) 5 Page - Adafruit Industries

  2341 Datasheet HTML 1Page - Adafruit Industries 2341 Datasheet HTML 2Page - Adafruit Industries 2341 Datasheet HTML 3Page - Adafruit Industries 2341 Datasheet HTML 4Page - Adafruit Industries 2341 Datasheet HTML 5Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Technical Details
Board Dimensions: 38mm x 23mm x 4mm / 1.5" x 0.9" x 0.2"
Board Weight: 3.6g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com