Electronic Components Datasheet Search
  English  ▼

X  

0801515 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801515
Description  UCT-WMT (10X4) CUS - Conductor marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801515 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801515 Datasheet HTML 1Page - PHOENIX CONTACT 0801515 Datasheet HTML 2Page - PHOENIX CONTACT 0801515 Datasheet HTML 3Page - PHOENIX CONTACT 0801515 Datasheet HTML 4Page - PHOENIX CONTACT 0801515 Datasheet HTML 5Page - PHOENIX CONTACT 0801515 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Conductor marker, can be ordered: by sheet, white, labeled according to customer
specifications, cable diameter range: 0.6 ... 7 mm, mounting type: insert, Number of individual
labels: 60, text field height: 4 mm, text field width: 10 mm
Commercial data
Item number
0801515
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8128
GTIN
4046356682619
Weight per piece (including packing)
11.9 g
Weight per piece (excluding packing)
11.9 g
Country of origin
PL
UCT-WMT (10X4) CUS - Conductor marker
0801515
https://www.phoenixcontact.com/us/products/0801515
Jul 22, 2025, 6:23AM
Page 1 (6)


Similar Part No. - 0801515

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801510 PHOENIX-0801510 Datasheet
195Kb / 6P
UCT-WMT (30X4) OG CUS - Conductor marker
0801511 PHOENIX-0801511 Datasheet
190Kb / 5P
UCT-WMT (30X4) GN CUS - Conductor marker
0801514 PHOENIX-0801514 Datasheet
195Kb / 6P
UCT-WMT (30X4) BU CUS - Conductor marker
0801516 PHOENIX-0801516 Datasheet
192Kb / 6P
UCT-WMT (10X4) YE CUS - Conductor marker
0801517 PHOENIX-0801517 Datasheet
197Kb / 6P
UCT-WMT (10X4) RD CUS - Conductor marker
More results

Similar Description - 0801515

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
0828489 PHOENIX-0828489 Datasheet
57Kb / 3P
Marker cards - SBS 6 CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com