Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-DPSLLCK1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-DPSLLCK1
Description  3 kW Full Bridge LLC resonant digital power supply evaluation kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-DPSLLCK1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-DPSLLCK1 Datasheet HTML 1Page - STMicroelectronics STEVAL-DPSLLCK1 Datasheet HTML 2Page - STMicroelectronics STEVAL-DPSLLCK1 Datasheet HTML 3Page - STMicroelectronics STEVAL-DPSLLCK1 Datasheet HTML 4Page - STMicroelectronics STEVAL-DPSLLCK1 Datasheet HTML 5Page - STMicroelectronics STEVAL-DPSLLCK1 Datasheet HTML 6Page - STMicroelectronics STEVAL-DPSLLCK1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Figure 6. STEVAL-DPS334C1 control board - opto-isolated communication schematic
5
TO PLACE ON THE RIGHT AND ON THE LEFT SIDE OF THE BOARD RESPECTIVELY
U2
MCU_USART_RX
USART_RX_iso
15pF
R3
USART_TX_iso
6
GND
R10820
J1
J2
SHIELD
0 N.M
R447
GND_iso
100nF
0
R5
C3
GND
0 N.M.
R6
+3.3V_iso
R12
1
6
+3.3V_iso
SHIELD
7
GND_iso
0 N.M.
R1147
GND
USART_RX_iso
OPTOCOUPLERS
CONNECTION BETWEEN TWO CONTROL BOARDS
820R2
GND
0 N.M
C2
15pF
MCU_USART_RX
7
USART_CON
8
R13
1
2
3
4
MCU_USART_TX
C4
3
2
USART_RX_iso
1
C1
4
+3.3V_iso
8
100nF
R1
0
R939
R14
5
GND_iso
0
R7
USART_RX_iso
PS9821
GND
39
MCU_USART_RX
GND_iso
GND_iso
0
+3.3V
GND
+3.3V
4
+3.3V_iso
MCU_USART_TX
MCU_USART_TX
GND_iso
USART_TX_iso
USART_TX_iso
1
2
3
4
USART_CON
PS9821
+3.3V
USART_TX_iso
2
3
U1
R8
Figure 7. STEVAL-DPSADP01 adapter board schematic
2
4
6
8
1
JTDI_JTAG_ADP
JTMS_ADP
R3
100nF 25V
P1
T1OUT
14
19
17
T1IN
GND
JP_JTDI
100nF
J3
I2C_SMBA
GND
J1
I2C_SMBA
2
C&K KMR221GLFS
Farnell: 1201424
JTDO_ADP
DB9-Female
SG
Jtag conn.
3
GND
11
+3.3V
CAN_RX
C2-
5
3
1
JTMS_ADP
100nF 25V
1
RESET#_BTN
1
R2OUT
C7
JTAG
RESET BUTTON
4
I2C_SCL/USART_RX/CAN_RX
I2C_SDA/USART_TX/CAN_TX
3
GND
C2+
4
2x stripline male 3+1 2.54mm
pin 4 can be connected with pin 1, 2 or 3 with a jumper
1
6
2
7
3
8
4
9
5
+3.3V
GND
4
R5
0
V+
2
R
4
USART_RX
R2
2
USART_TX
120
6
CANL
GND
3
C1-
GND
+3.3V
9
10k
GND
DB9-Male
5
NC1
+3.3V
J9
4.7k
CAN_RX
1
3
5
7
9
CAN_TX
I2C_SDA/USART_TX/CAN_TX
R4
100nF 25V
U1
J7
+3.3V
20
RESET#_ADP
T2IN
10
7
CANH
R1
SMBUS_SDA
S1
RST
C & K
KMR221GLFS
100nF 25V
C3
J2
10
2
3
+3.3V
place reset button in the external part of the board
N.M.
15
C8
Digikey401-1427-1-ND
JTCK_ADP
U2
9
C5
6
NC
8
P2
18
C+
1
4
12
R1OUT
+3.3V
CAN_TX
1
SWD/COM
J8
7
JTCK_ADP
R6
ST3232CTR
GND
SMBUS_SCL
1
R1IN
13
GND
2
GND
15
SN65HVD232D
C6
5
RESET#_ADP
SMBUS_SDA
RESET#_BTN
7
14
16
100nF 25V
C4
8
+3.3V
2
GND
SMBUS
Stripline male 3x2 2.54mm
C1
USER COMMUNICATION CONFIG
RS:461-9771
GND
CAN COMMUNICATION
+3.3V
GND
GND
D
1
8
R2IN
0
Male Connector 2x10
Pitch 2.54 mm
Tyco Electronics 2 -1634688-0
RS: 473-8282
Farnell: 8395942
TD
RD
J10 as close as possible to j12 pin 10
12
VCC
3
V-
6
4.7k
I2C_SCL/USART_RX/CAN_RX
T2OUT
VCC
16
5
2
GND
4
CAN
RS-232
SERIAL COMMUNICATION
11
13
C2
J6
100nF 25V
6
100nF 16V
1
6
2
7
3
8
4
9
5
GND
SMBUS_SCL
SWD - USER COMMUNICATION
STEVAL-DPSLLCK1
STEVAL-DPSLLCK1 schematics
DB3560 - Rev 1
page 5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com