Electronic Components Datasheet Search
  English  ▼

X  

STP310N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP310N10F7
Description  3 kW Full Bridge LLC resonant digital power supply evaluation kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP310N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STP310N10F7 Datasheet HTML 1Page - STMicroelectronics STP310N10F7 Datasheet HTML 2Page - STMicroelectronics STP310N10F7 Datasheet HTML 3Page - STMicroelectronics STP310N10F7 Datasheet HTML 4Page - STMicroelectronics STP310N10F7 Datasheet HTML 5Page - STMicroelectronics STP310N10F7 Datasheet HTML 6Page - STMicroelectronics STP310N10F7 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Figure 2. STEVAL-DPSLLCP1 power board - Aux SMPS schematic
LD1117DT50TR
R7
1
8.2k
100nF
GND
10
0
R2
3.3
GND1
2
VIPER27HD
D9
TP44
STPS1150A
1
GND
D3
TP4
VCC sec
10
1
GND
C3
33nF
R3
0
GND1
100µF
D6
0
R1
0
R63.3
DIODE Zener 18V 1W
STPS1L40U
C7
2
U1
VBUS
2
VOUT
GND1
C12
TP1
D1
C15
1k
STTH102A
BR
R12
CONT
L11µH
VCC pri
GND
0.1µF
R13
GND1
47k
GND
C5
C2
D2
U3
D7
C1
LD1117DT50TR
22µF
U2
+
TS2431
82k
C92.2nF
5V
100nF
6
1µF
C10
GND1
470µF
R8
2.2R4
C125
TP3
C13
470µF
D5
C11
9
C4
+
6
STPS1150A
VDD
4
CONTROL
T1
C6
470µF
R10
R14
2K
GND
OPTO1
220
STPS1150A
3.3nF
R5
C8
2
VOUT
D76
100µF
DRAIN
SOURCE
D4
DIODE Zener 18V 1W
D8
PC817
33nF
8
TP2
GND1
FB
GND1
100µF
GND1
12V
GND
R166
N.A.
R11
+5V
GND1
7
STPS1150A
100µF
3.3K
R9
+5V_prim
VIN
3
VR1
VIN
3
PKC-136
GND
TP45
C14
DIODE Zener 15V 1W
Figure 3. STEVAL-DPSLLCP1 power board - filtering and connector schematic
A_GND
12B
13A
TP10
C22
R310
BAT754
R19
4A
27A
28A
+5V
Resonance Current
21A
21B
BAT41KFILM
10A
10B
PWM_7
28B
30B
D16
25A
25B
100nF
C26
C136
VDDA
DC Output Current sensing
PWM_FB_LS1
PWM_1
TP14
D18
A_VDD
13A
13B
R410
CAN_TX
SMBus_SCL/UI_USART_RX
SMBus_SDA/UI_USART_TX
D14
470 Ohm 10oMHz 215 mA
23A
23B
8A
8B
A_VDD
22B
23A
4B
5A
TP13
Note: Keep all filtering parts traces short as
possible to connector P1
25B
7A
7A
10B
11A
100
R210
P1
28A
29A
+5V
20B
21A
1B
2A
2A
PWM_5
A_GND
24A
24B
GND
R23100
R24100
TP9
30B
26A
2
32A
31B
VDS_SR1 sensing
+5V
PWM_2
10pF
R260
270
17A
17B
VDDA
R330
DC Bus Monitor sensing
R370
Resonance Current sensing
31B
32B
8B
9A
VDDA
16B
17A
1
29A
30A
BAT754
11A
11B
Temperature sensing
C21
1B
D17
22A
22B
A_GND
USART_TX_iso
9A
9B
9B
7B
7B
24B
25A
PWM_8
GND_iso
PWM_FB_HS1
15A
15B
D12
14A
14B
2.7nF
18B
19A
DC Vout Monitor sensing
+3.3V
R400
ADC_4/DIFF_ADC_2-/OP-AMP_2-
COMP_1_INP/ADC_11
COMP_2_INP/ADC_12/OP-AMP_1+
ADC_7/COMP_2_INM
ADC_5
ADC_1/DIFF_ADC_1+
ADC_2/DIFF_ADC_1-/OP-AMP_2+
ADC_3/DIFF_ADC_2+/OP-AMP_2_OUT/COMP_1_NM
ADC_6/OP-AMP_1-
COMP_3_INP
2.2uF
VDDA
BAT41KFILM
R15
D10
PWM_2
PWM_4
PWM_6
PWM_8
GPIO_7/DAC_3/OP-AMP_1_OUT
GPIO_9/EEV_3/SPI_MISO
ADC_1/DIFF_ADC_1+
A_GND
VDDA
BAT754
27B
28B
BAT754
100
R16
DC Vout Monitor
+3.3V_iso
GPIO_6/DAC_2/SPI_SCLK
TP11
R290
270
A_GND
21B
22A
R340
VDS_SR2 sensing
FAN_PWM
TP15
L2
8A
10pF
GPIO_2/COMP_2_OUT/GP_PWM_2
GPIO_4/EEV_1
GPIO_8/EEV_2
D13
29B
27B
5A
5B
A_GND
VDDA
17B
18A
R17
R350
BAT41/BAS70
3A
3A
VDDA
VDS_SR1 sensing
A_GND
2
CAN_RX
SD/OD_4
26B
29B
Temperature sensing
ADC_5
PWM_6
30A
32A
VDS_SR2
DC Output Current
DC Output Current sensing
PWM_FB_HS2
18A
18B
R300
GPIO_1/COMP_3_OUT/GP_PWM_1/EEV_4
1
1
VDS_SR2 sensing
5B
6A
11B
12A
R44100
15B
16A
R420
2
100nF
C17
1A
26B
TP6
Temperature
12A
12B
VDDA
2.2uF
USART_RX_iso
19A
19B
47nF
100nF
Digital Power Connector
ADC_4/DIFF_ADC_2-/OP-AMP_2-
ADC_2/DIFF_ADC_1-/OP-AMP_2+
ADC_3/DIFF_ADC_2+/OP-AMP_2_OUT/COMP_1_NM
2B
+
PWM_FB_LS2
BAT754
PWM_10
PWM_12
GPIO_3/COMP_1_OUT/FAULT_2
GPIO_2/COMP_2_OUT/GP_PWM_2
GPIO_4/EEV_1
GPIO_5/DAC_1/COMP_4_INP/SPI_NSS
GPIO_8/EEV_2
SD/OD_3
14B
15A
VDDA
DC Vout Monitor sensing
R320
D20
BAT754
31A
16A
16B
1A
GND
ADC_6/OP-AMP_1-
COMP_2_INP/ADC_12/OP-AMP_1+
ADC_7/COMP_2_INM
19B
20A
20A
20B
VDDA
A_GND
PWM_3
R220
PWM_SR_HS2
Resonance Current sensing
2B
PWM_SR_LS1
DC Bus Monitor
VDS_SR1
R18
ADC_8
BAT41/BAS70
100nF
BAT754
SMBus_SMBA/SPI_MOSI
TP5
TP7
FAULT_1
PWM_1
R250
+
ADC_8
ADC_9
ADC_10
C137
PWM_4
100
32B
31A
4A
4B
D11
+3.3V
23B
24A
+3.3V
3B
3B
DC Bus Monitor sensing
C16
PWM_3
PWM_5
PWM_7
PWM_9
PWM_11
PWM_SR_LS2
PWM_SR_HS1
C24
C20
10A
R38100
GPIO_10/DAC_4
A_GND
COMP_1_INP/ADC_11
COMP_3_INP
26A
27A
13B
14A
R280
6A
6B
6B
C18
STEVAL-DPSLLCK1
STEVAL-DPSLLCK1 schematics
DB3560 - Rev 1
page 3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com