Electronic Components Datasheet Search
  English  ▼

X  

AP-K2N Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # AP-K2N
Description  VH CONNECTOR 3.96mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

AP-K2N Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  AP-K2N Datasheet HTML 1Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 2Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 3Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B
A
9.7
1.14
Circuit No. 1
B
A
3.96
9.7
1.14
Circuit No. 1
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
250
200
150
200
200
100
100
100
125
9.80
13.76
17.72
21.68
25.64
29.60
33.56
37.52
41.48
2
3
4
5
6
7
8
9
10
B2P-VH-FB-B
B3P-VH-FB-B
B4P-VH-FB-B
B5P-VH-FB-B
B6P-VH-FB-B
B7P-VH-FB-B
B8P-VH-FB-B
B9P-VH-FB-B
B10P-VH-FB-B
Circuits
Model No.
Dimensions (mm)
A
B
Material and Finish
Q'ty / box
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural (white)
(2 , 3 circuits)
(4 to 10 circuits)
RoHS compliance This product displays (LF)(SN) on a label.
Note: The applicable housing for 2 circuits shrouded header is "VHR-2N" only.
"VHRR-2N" is not applicable.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2P-VH-FB-B-oo-
(blank)…natural (white)
R…red C…black E…blue M…green Y…yellow O…orange
H…gray PK…pink
Shrouded header
VH CONNECTOR
Unit for wire-to-wire connection
Circuits
Model No.
Dimensions (mm)
A
B
Q'ty / box
B2P-VH-TW
B3P-VH-TW
B4P-VH-TW
B5P-VH-TW
B6P-VH-TW
B7P-VH-TW
2
3
4
5
6
7
9,000
4,500
4,500
3,600
2,400
2,400
3.96
7.92
11.88
15.84
19.80
23.76
7.86
11.82
15.78
19.74
23.70
27.66
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA66, UL94V-0, natural (white)
RoHS compliance This product displays (LF)(SN) on a label.
(0.7)
(9.4)
6.2
3.2
8.1
8.1
22.6
4
T S S C 0 2 1.0 1(V H )
(1.95)
A
B
3.96



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com