Electronic Components Datasheet Search
  English  ▼

X  

X24012IP Datasheet(PDF) 13 Page - IC MICROSYSTEMS

Part # X24012IP
Description  Serial E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24012IP Datasheet(HTML) 13 Page - IC MICROSYSTEMS

Back Button X24012IP Datasheet HTML 6Page - IC MICROSYSTEMS X24012IP Datasheet HTML 7Page - IC MICROSYSTEMS X24012IP Datasheet HTML 8Page - IC MICROSYSTEMS X24012IP Datasheet HTML 9Page - IC MICROSYSTEMS X24012IP Datasheet HTML 10Page - IC MICROSYSTEMS X24012IP Datasheet HTML 11Page - IC MICROSYSTEMS X24012IP Datasheet HTML 12Page - IC MICROSYSTEMS X24012IP Datasheet HTML 13Page - IC MICROSYSTEMS X24012IP Datasheet HTML 14Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
X24012
13
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.019 (0.49)
PIN 1
PIN 1 INDEX
0.010 (0.25)
0.020 (0.50)
0.050 (1.27)
0.188 (4.78)
0.197 (5.00)
0.004 (0.19)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7°
0.027 (0.683)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0° – 8°
X 45°
8-LEAD PLASTIC SMALL OUTLINE GULL WING
PACKAGE TYPE S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
PACKAGING INFORMATION
0.020 (0.51)
0.016 (0.41)
0.150 (3.81)
0.125 (3.18)
0.325 (8.25)
0.300 (7.62)
0.110 (2.79)
0.090 (2.29)
0.430 (10.92)
0.360 (9.14)
0.300
(7.62) REF.
PIN 1 INDEX
0.140 (3.56)
0.130 (3.30)
0.020 (0.51)
0.015 (0.38)
PIN 1
SEATING
PLANE
0.062 (1.57)
0.058 (1.47)
0.255 (6.47)
0.245 (6.22)
0.060 (1.52)
0.020 (0.51)
TYP. 0.010 (0.25)
0°
15°
0.092 (2.34)
DIA. NOM.
HALF SHOULDER
WIDTH ON ALL END
PINS OPTIONAL
0.015 (0.38)
MAX.
8-LEAD PLASTIC DUAL
IN-LINE PACKAGE TYPE P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com