Electronic Components Datasheet Search
  English  ▼

X  

SN75196DWR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN75196DWR
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75196DWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75196DWR Datasheet HTML 7Page - Texas Instruments SN75196DWR Datasheet HTML 8Page - Texas Instruments SN75196DWR Datasheet HTML 9Page - Texas Instruments SN75196DWR Datasheet HTML 10Page - Texas Instruments SN75196DWR Datasheet HTML 11Page - Texas Instruments SN75196DWR Datasheet HTML 12Page - Texas Instruments SN75196DWR Datasheet HTML 13Page - Texas Instruments SN75196DWR Datasheet HTML 14Page - Texas Instruments SN75196DWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SN75196
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS188B – MAY 1995 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Diodes placed in series with the VDD and VSS terminals protect the SN75196 in the fault condition when the device
outputs are shorted to VDD or VSS and the power supplies are at low and provide low-impedance paths to ground
(see Figure 15).
VDD
VSS
±15 V
Output
VDD
VSS
SN75196
SN75196
Figure 15. Power-Supply Protection to Meet Power-Off Fault Conditions of TIA/EIA-232-F
SN75196
5 V
TL16C450
ACE
1
5
6
9
12 V
–12 V
TIA/EIA-232-F
DB9S
Connector
C2†
C5†
† See Figure 10 to select the correct values for the loading capacitors (C1, C2, C3, C4, and C5), which may be required to meet the RS-232
maximum slew-rate requirement of 30 V/
µs. The value of the loading capacitors required depends upon the line length and desired slew rate,
but is typically 330 pF.
NOTE A: To use the receivers only, VDD and VSS must both be powered or tied to ground.
C4†
C3†
C1†
RI
DTR
CTS
SO
RTS
SI
DSR
DCD
43
37
40
13
36
11
41
42
10
9
8
7
6
5
4
3
2
1
GND
5DA
3RY
4DA
2RY
1RY
2DA
1DA
VCC
3DA
VSS
5DY
3RA
4DY
2RA
1RA
2DY
1DY
VDD
3DY
11
12
13
14
15
16
17
18
19
20
RI
DTR
CTS
TX
RTS
RX
DSR
DCD
Figure 16. Typical TIA/EIA-232-F Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com