Electronic Components Datasheet Search
  English  ▼

X  

SN55183-SP Datasheet(PDF) 6 Page - Texas Instruments

Part # SN55183-SP
Description  DUAL DIFFERENTIAL LINE DRIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN55183-SP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN55183-SP Datasheet HTML 2Page - Texas Instruments SN55183-SP Datasheet HTML 3Page - Texas Instruments SN55183-SP Datasheet HTML 4Page - Texas Instruments SN55183-SP Datasheet HTML 5Page - Texas Instruments SN55183-SP Datasheet HTML 6Page - Texas Instruments SN55183-SP Datasheet HTML 7Page - Texas Instruments SN55183-SP Datasheet HTML 8Page - Texas Instruments SN55183-SP Datasheet HTML 9Page - Texas Instruments SN55183-SP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DS8830, SN55183, SN75183
DUAL DIFFERENTIAL LINE DRIVERS
SLLS093D – OCTOBER 1972 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
(a) OUTPUTS Y AND Z
Differential
Output
Voltage
VOLTAGE WAVEFORMS
3 V
VYS
0 V
–VYS
0 V
1.5 V
1.5 V
Input
tPHL
tPLH
VOLTAGE WAVEFORMS
VOL
VOH
VOL
VOH
0 V
2.5 V
1.5 V
1.5 V
1.5 V
tPLH
tPHL
tPHL
1.5 V
1.5 V
tPLH
1.5 V
Input
Input
VCC = 5 V
5000 pF
100
W
TEST CIRCUIT
TEST CIRCUIT
CL = 15 pF
(see Note B)
Z
Output
CL = 15 pF
(see Note B)
Y
Output
VCC = ±5 V
Input
Pulse
Generator
(see Note A)
(b) DIFFERENTIAL OUTPUT
Y
Output
Z
Output
Pulse
Generator
(see Note A)
Z
Output
Y
Output
0 V
NOTES: A. The pulse generators have the following characteristics: ZO = 50 Ω, tr ≤ 10 ns, tf ≤ 10 ns, tw = 0.5 µs, PRR ≤ 1 MHz.
B. CL includes probe and jig capacitance.
C. Waveforms are monitored on an oscilloscope with ri ≥ 1 MΩ.
Figure 1. Test Circuits and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com