Electronic Components Datasheet Search
  English  ▼

X  

X24320PI Datasheet(PDF) 15 Page - IC MICROSYSTEMS

Part # X24320PI
Description  400KHz 2-Wire Serial E2PROM with Block Lock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24320PI Datasheet(HTML) 15 Page - IC MICROSYSTEMS

Back Button X24320PI Datasheet HTML 9Page - IC MICROSYSTEMS X24320PI Datasheet HTML 10Page - IC MICROSYSTEMS X24320PI Datasheet HTML 11Page - IC MICROSYSTEMS X24320PI Datasheet HTML 12Page - IC MICROSYSTEMS X24320PI Datasheet HTML 13Page - IC MICROSYSTEMS X24320PI Datasheet HTML 14Page - IC MICROSYSTEMS X24320PI Datasheet HTML 15Page - IC MICROSYSTEMS X24320PI Datasheet HTML 16Page - IC MICROSYSTEMS X24320PI Datasheet HTML 17Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
X24320
15
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
14-LEAD PLASTIC, TSSOP, PACKAGE TYPE V
See Detail “A”
.031
(.80) .041
(1.05)
.169
(4.3) .177
(4.5)
.252 (6.4) BSC
.025 (.65) BSC
.193
(4.9) .200
(5.1)
.002
(.05) .006
(.15)
.047 (1.20)
.0075
(.19) .0118
(.30)
0° – 8°
.010 (.25)
.019
(.50) .029
(.75)
Gage Plane
Seating Plane
Detail A (20X)
7035 FM 20
PACKAGING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com