Electronic Components Datasheet Search
  English  ▼

X  

TCA6418EYFPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TCA6418EYFPR
Description  I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA6418EYFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCA6418EYFPR Datasheet HTML 9Page - Texas Instruments TCA6418EYFPR Datasheet HTML 10Page - Texas Instruments TCA6418EYFPR Datasheet HTML 11Page - Texas Instruments TCA6418EYFPR Datasheet HTML 12Page - Texas Instruments TCA6418EYFPR Datasheet HTML 13Page - Texas Instruments TCA6418EYFPR Datasheet HTML 14Page - Texas Instruments TCA6418EYFPR Datasheet HTML 15Page - Texas Instruments TCA6418EYFPR Datasheet HTML 16Page - Texas Instruments TCA6418EYFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TCA6418E
www.ti.com
SCPS243 – SEPTEMBER 2012
Table 4. Register Descriptions (continued)
REGISTER
ADDRESS
REGISTER NAME
7
6
5
4
3
2
1
0
DESCRIPTION
GPIO
GPIO15 GPIO14
GPIO13
GPIO12 GPIO11
GPIO9
GPIO8
0×1B
GPIO_INT_EN2
GPIO interrupt enable
10
0
0
0
0
0
0
0
0
N/A
N/A
N/A
N/A
N/A
N/A
GPIO17 GPIO16
0×1C
GPIO_INT_EN3
GPIO interrupt enable
0
0
0
0
0
0
0
0
0×1D
Reserved
Reserved
0×1E
Reserved
Reserved
0×1F
Reserved
Reserved
0×20
Reserved
Reserved
0×21
Reserved
Reserved
0×22
Reserved
Reserved
GPIO data direction
GPIO
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO6
GPIO7
0×23
GPIO_DIR1
0: input
5
0
0
0
0
0
0
0
0
1: output
GPIO data direction
GPIO
GPIO15 GPIO14
GPIO13
GPIO12 GPIO11
GPIO9
GPIO8
0×24
GPIO_DIR2
0: input
10
0
0
0
0
0
0
0
0
1: output
GPIO data direction
N/A
N/A
N/A
N/A
N/A
N/A
GPIO17 GPIO16
0×25
GPIO_DIR3
0: input
0
0
0
0
0
0
0
0
1: output
GPIO edge/level detect
GPIO
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO6
GPIO7
0×26
GPIO_INT_LVL 1
0: low
5
0
0
0
0
0
0
0
0
1: high
GPIO edge/level detect
GPIO
GPIO15 GPIO14
GPIO13
GPIO12 GPIO11
GPIO9
GPIO8
0×27
GPIO_INT_LVL 2
0: low
10
0
0
0
0
0
0
0
0
1: high
GPIO edge/level detect
N/A
N/A
N/A
N/A
N/A
N/A
GPIO17 GPIO16
0×28
GPIO_INT_LVL 3
0: low
0
0
0
0
0
0
0
0
1: high
Debounce disable
GPIO
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO6
GPIO7
0×29
DEBOUNCE_DIS 1
0: enabled
5
0
0
0
0
0
0
0
0
1: disabled
Debounce disable
GPIO
GPIO15 GPIO14
GPIO13
GPIO12 GPIO11
GPIO9
GPIO8
0×2A
DEBOUNCE_DIS 2
0: enabled
10
0
0
0
0
0
0
0
0
1: disabled
Debounce disable
N/A
N/A
N/A
N/A
N/A
N/A
GPIO17 GPIO16
0×2B
DEBOUNCE_DIS 3
0: enabled
0
0
0
0
0
0
0
0
1: disabled
GPIO pulldown
GPIO
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO6
GPIO7
0×2C
GPIO_PULL1
0: pulldown enabled
5
0
0
0
0
0
0
0
0
1: pulldown disabled
GPIO pulldown
GPIO
GPIO15 GPIO14
GPIO13
GPIO12 GPIO11
GPIO9
GPIO8
0×2D
GPIO_PULL2
0: pulldown enabled
10
0
0
0
0
0
0
0
0
1: pulldown disabled
GPIO pulldown
N/A
N/A
N/A
N/A
N/A
N/A
GPIO17 GPIO16
0×2E
GPIO_PULL3
0: pulldown enabled
0
0
0
0
0
0
0
0
1: pulldown disabled
0×2F
Reserved
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TCA6418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com