Electronic Components Datasheet Search
  English  ▼

X  

TCA9544APWR Datasheet(PDF) 4 Page - Texas Instruments

Part # TCA9544APWR
Description  TCA9544A Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9544APWR Datasheet(HTML) 4 Page - Texas Instruments

  TCA9544APWR Datasheet HTML 1Page - Texas Instruments TCA9544APWR Datasheet HTML 2Page - Texas Instruments TCA9544APWR Datasheet HTML 3Page - Texas Instruments TCA9544APWR Datasheet HTML 4Page - Texas Instruments TCA9544APWR Datasheet HTML 5Page - Texas Instruments TCA9544APWR Datasheet HTML 6Page - Texas Instruments TCA9544APWR Datasheet HTML 7Page - Texas Instruments TCA9544APWR Datasheet HTML 8Page - Texas Instruments TCA9544APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TCA9544A
SCPS209C – MAY 2014 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: TCA9544A
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
VI
Input voltage(2)
–0.5
7
V
II
Input current
±20
mA
IO
Output current
±25
mA
Continuous current through VCC
±100
mA
Continuous current through GND
±100
mA
Ptot
Total power dissipation
400
mW
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
MIN
MAX
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
–4000
4000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
–1500
1500
V
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6.3 Recommended Operating Conditions
(1)
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
VIH
High-level input voltage
SCL, SDA
0.7 × VCC
6
V
A2–A0, INT3–INT0
0.7 × VCC
VCC + 0.5
VIL
Low-level input voltage
SCL, SDA
–0.5
0.3 × VCC
V
A2–A0, INT3–INT0
–0.5
0.3 × VCC
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
(1)
over operating free-air temperature range (unless otherwise noted)
THERMAL METRIC(1)
TCA9544A
UNIT
PW
20 PIN
RθJA
Junction-to-ambient thermal resistance
118.2
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
51.4
°C/W
RθJB
Junction-to-board thermal resistance
69.3
°C/W
ψJT
Junction-to-top characterization parameter
7.7
°C/W
ψJB
Junction-to-board characterization parameter
68.8
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com