| Electronic Components Datasheet Search |
|
TCA9546APWR Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TCA9546APWR Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 30 page ![]() A0 A1 RESET SD0 SC0 SD1 SC1 GND VCC SDA SCL A2 SC3 SD3 SC2 SD2 V DPU1 V DPU0 VIA to Power Plane Partial Power Plane V DPU3 V DPUM VIA to GND Plane (Inner Layer) Polygonal Copper Pour V CC GND By-pass/De-coupling capacitors GND V DPU2 To I2C Master LEGEND 21 TCA9546A www.ti.com SCPS205B – APRIL 2014 – REVISED NOVEMBER 2019 Product Folder Links: TCA9546A Submit Documentation Feedback Copyright © 2014–2019, Texas Instruments Incorporated 11 Layout 11.1 Layout Guidelines For PCB layout of the TCA9546A, common PCB layout practices should be followed but additional concerns related to high-speed data transfer such as matched impedances and differential pairs are not a concern for I2C signal speeds. It is common to have a dedicated ground plane on an inner layer of the board and pins that are connected to ground should have a low-impedance path to the ground plane in the form of wide polygon pours and multiple vias. By-pass and de-coupling capacitors are commonly used to control the voltage on the VCC pin, using a larger capacitor to provide additional power in the event of a short power supply glitch and a smaller capacitor to filter out high-frequency ripple. In an application where voltage translation is not required, all VDPUX voltages and VCC could be at the same potential and a single copper plane could connect all of pull-up resistors to the appropriate reference voltage. In an application where voltage translation is required, VDPUM, VDPU0, VDPU1, VDPU2, and VDPU3 may all be on the same layer of the board with split planes to isolate different voltage potentials. To reduce the total I2C bus capacitance added by PCB parasitics, data lines (SCn and SDn) should be a short as possible and the widths of the traces should also be minimized (e.g. 5-10 mils depending on copper weight). 11.2 Layout Example |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |