Electronic Components Datasheet Search
  English  ▼

X  

THS8136 Datasheet(PDF) 13 Page - Texas Instruments

Part # THS8136
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS8136 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS8136 Datasheet HTML 9Page - Texas Instruments THS8136 Datasheet HTML 10Page - Texas Instruments THS8136 Datasheet HTML 11Page - Texas Instruments THS8136 Datasheet HTML 12Page - Texas Instruments THS8136 Datasheet HTML 13Page - Texas Instruments THS8136 Datasheet HTML 14Page - Texas Instruments THS8136 Datasheet HTML 15Page - Texas Instruments THS8136 Datasheet HTML 16Page - Texas Instruments THS8136 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
10 µF
10 µF
10 µF
10 µF
0.1 µF
0.1 µF
0.1 µF
DVDD
AVDD
FB
FB
D 1.8 V
A 3.3 V
12
40
44
G[9:0]
B[9:0]
R[9:0]
G[9:0]
B[9:0]
R[9:0]
DVDD
2.2 kW
CLK
2.2 kW
BLANK
SYNC
SYNC_T
CLK
M1
M2
THS8136
3.8 kW
75 W
75 W
75 W
Monitor
FB
0.1 µF
0.1 µF
AVDD
75 W
AG
41
FB
75 W
AR
43
FB
75 W
AB
45
COMP
39
VREF
37
FSADJ
38
27–36
1–10
13–22
23
24
25
26
47
48
DVSS
AVSS
AVSS
Thermal
Pad
11
42
46
HSYNC
VSYNC
DVDD
AVDD
AVDD
THS8136
www.ti.com
SLES236B – NOVEMBER 2008 – REVISED APRIL 2013
APPLICATION INFORMATION
NOTE: System level ESD protection is not included in this application circuit, but it is highly recommended on the analog
RGB outputs.
Figure 10. Typical Generic DAC Application Circuit
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: THS8136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com