Electronic Components Datasheet Search
  English  ▼

X  

X24C02FS8 Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # X24C02FS8
Description  Serial E2PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C02FS8 Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  X24C02FS8 Datasheet HTML 1Page - IC MICROSYSTEMS X24C02FS8 Datasheet HTML 2Page - IC MICROSYSTEMS X24C02FS8 Datasheet HTML 3Page - IC MICROSYSTEMS X24C02FS8 Datasheet HTML 4Page - IC MICROSYSTEMS X24C02FS8 Datasheet HTML 5Page - IC MICROSYSTEMS X24C02FS8 Datasheet HTML 6Page - IC MICROSYSTEMS X24C02FS8 Datasheet HTML 7Page - IC MICROSYSTEMS X24C02FS8 Datasheet HTML 8Page - IC MICROSYSTEMS X24C02FS8 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
X24C02
2
PIN CONFIGURATION
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It is an open drain output and may be
wire-ORed with any number of open drain or open
collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the Guide-
lines for Calculating Typical Values of Bus Pull-Up
Resistors graph.
Address (A0, A1, A2)
The address inputs are used to set the least significant
three bits of the seven bit slave address. These inputs
can be static or actively driven. If used statically they must
be tied to VSS or VCC as appropriate. If actively
driven, they must be driven to VSS or to VCC.
Write Control (WC)
The Write Control input controls the ability to write to the
device. When WC is LOW (tied to VSS) the X24C02 will
be enabled to perform write operations. When WC is HIGH
(tied to VCC) the internal high voltage circuitry will
be disabled and all writes will be disabled.
3838 FHD F02
PIN DESCRIPTIONS
Symbol
Description
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VSS
Ground
VCC
+5V
3838 PGM T01
A
0
A
1
A
2
V
SS
1
2
3
4
8
7
6
5
V
CC
WC
SCL
SDA
X24C02
DIP/SOIC/MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com